Electronic Components Datasheet Search
  English  ▼

X  

LTC3880 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3880
Description  Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3880 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3880 Datasheet HTML 12Page - Linear Technology LTC3880 Datasheet HTML 13Page - Linear Technology LTC3880 Datasheet HTML 14Page - Linear Technology LTC3880 Datasheet HTML 15Page - Linear Technology LTC3880 Datasheet HTML 16Page - Linear Technology LTC3880 Datasheet HTML 17Page - Linear Technology LTC3880 Datasheet HTML 18Page - Linear Technology LTC3880 Datasheet HTML 19Page - Linear Technology LTC3880 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
LTC3839
16
3839fa
APPLICATIONS INFORMATION
Once the required output voltage and operating frequency
have been determined, external component selection is
driven by load requirement, and begins with the selec-
tion of inductors and current sense method (either sense
resistors RSENSE or inductor DCR sensing). Next, power
MOSFETs are selected. Finally, input and output capaci-
tors are selected.
Output Voltage Programming
As shown in Figure 1, an external resistor divider is
used from the regulated output to its ground references
to program the output voltage. The resistive divider is
tapped by the VOUTSENSE+ pin and the ground reference
is remotely sensed by the VOUTSENSE– pin. By regulating
the differential feedback voltages to the internal reference
0.6V, the resulting output voltage is:
VOUT – VOUTSENSE– = 0.6V • (1 + RFB2/RFB1)
For example, if VOUT is programmed to 5V and the out-
put ground reference is sitting at –0.5V with respect to
SGND, then the absolute value of the output will be 4.5V
with respect to SGND. The minimum differential output
voltage is limited to the internal reference 0.6V, and the
maximum is 5.5V.
Differential output sensing allows for more accurate output
regulation in high power distributed systems having large
line losses. Figure 2 illustrates the potential variations in
the power and ground lines due to parasitic elements.
The variations may be exacerbated in multi-application
systems with shared ground planes. Without differential
output sensing, these variations directly reflect as an error
in the regulated output voltage. The LTC3839’s differential
output sensing can correct for up to ±500mV of variation
in the output’s power and ground lines.
The LTC3839’s differential output sensing scheme is
distinct from conventional schemes where the regulated
output and its ground reference are directly sensed with
a difference amplifier whose output is then divided down
with an external resistor divider and fed into the error
amplifier input. This conventional scheme is limited by
the common mode input range of the difference amplifier
and typically limits differential sensing to the lower range
of output voltages.
The LTC3839 allows for seamless differential output sens-
ing by sensing the resistively divided feedback voltage
differentially. This allows for differential sensing in the full
output range from 0.6V to 5.5V. The difference amplifier
(DIFFAMP) has a bandwidth of 8MHz, high enough so that
it will not affect main loop compensation and transient
behavior.
To avoid noise coupling into the feedback voltage, the
resistor dividers should be placed close to the VOUTSENSE+
and VOUTSENSE– pins. Remote output and ground traces
should be routed together as a differential pair to the
remote output. For best accuracy, these traces to the
remote output and ground should be connected as close
as possible to the desired regulation point.
Switching Frequency Programming
The choice of operating frequency is a trade-off between
efficiency and component size. Lowering the operating fre-
quency improves efficiency by reducing MOSFET switching
losses but requires larger inductance and/or capacitance
Figure 1. Setting Output Voltage
RFB2
VOUTSENSE
+
LTC3839
VOUTSENSE
–
COUT
3839 F01
VOUT
RFB1
The VOUTSENSE+ pin is a high impedance pin with no in-
put bias current other than leakage in the nA range. The
VOUTSENSE– pin has about 30μA of current flowing out
of the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com