Electronic Components Datasheet Search
  English  ▼

X  

LTC3880 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC3880
Description  Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3880 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC3880 Datasheet HTML 23Page - Linear Technology LTC3880 Datasheet HTML 24Page - Linear Technology LTC3880 Datasheet HTML 25Page - Linear Technology LTC3880 Datasheet HTML 26Page - Linear Technology LTC3880 Datasheet HTML 27Page - Linear Technology LTC3880 Datasheet HTML 28Page - Linear Technology LTC3880 Datasheet HTML 29Page - Linear Technology LTC3880 Datasheet HTML 30Page - Linear Technology LTC3880 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
LTC3839
27
3839fa
APPLICATIONS INFORMATION
As voltage on the RUN pin increases, typically beyond
3V, its bias current will start to reverse direction and flow
into the RUN pin. Keep in mind that the RUN pin can sink
up to 50μA; Even if a RUN pin may slightly exceed 6V
when sinking 50μA, the RUN pin should never be forced
to higher than 6V by a low impedance voltage source to
prevent faulty conditions.
Soft-Start and Tracking
The LTC3839 has the ability to either soft-start by itself
with a capacitor or track an external supply. Note that the
soft-start and tracking features are achieved not by limit-
ing the maximum output current of the controller, but by
controlling the output ramp voltage according to the ramp
rate on the TRACK/SS pin.
When the LTC3839 is configured to soft-start by itself, a
capacitor should be connected to its TRACK/SS pin. TRACK/
SS is pulled low until the RUN pin voltage exceeds 1.2V
and UVLO is released, at which point an internal current
of 1μA charges the soft-start capacitor, CSS, connected
to the TRACK/SS pin. Current-limit foldback is disabled
during this phase to ensure smooth soft-start or track-
ing. The soft-start or tracking range is defined to be the
voltage range from 0V to 0.6V on the TRACK/SS pin. The
total soft-start time can be calculated as:
tSS(SEC)= 0.6(V)•
CSS(µF)
1(µA)
Figure 9a. Two Different Modes of Output Tracking
Figure 9b. Setup for External Supply Tracking
TIME
Coincident Tracking
EXTERNAL SUPPLY
VOUT
EXTERNAL SUPPLY
VOUT
TIME
3839 F09a
Ratiometric Tracking
RFB2(1)
RFB1(1)
RFB2(2)
VOUT
RFB1(2)
TO
VOUTSENSE+
PIN
TO
VOUTSENSE–
PIN
TO
TRACK/SS
PIN
EXTERNAL SUPPLY
3839 F09b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com