Electronic Components Datasheet Search
  English  ▼

X  

LTC3880 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC3880
Description  Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3880 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC3880 Datasheet HTML 21Page - Linear Technology LTC3880 Datasheet HTML 22Page - Linear Technology LTC3880 Datasheet HTML 23Page - Linear Technology LTC3880 Datasheet HTML 24Page - Linear Technology LTC3880 Datasheet HTML 25Page - Linear Technology LTC3880 Datasheet HTML 26Page - Linear Technology LTC3880 Datasheet HTML 27Page - Linear Technology LTC3880 Datasheet HTML 28Page - Linear Technology LTC3880 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
LTC3839
25
3839fa
APPLICATIONS INFORMATION
For high switching frequencies, reducing output ripple and
better EMI filtering may require small value capacitors that
have low ESL (and correspondingly higher self-resonant
frequencies) to be placed in parallel with larger value
capacitors that have higher ESL. This will ensure good
noise and EMI filtering in the entire frequency spectrum
of interest. Even though ceramic capacitors generally
have good high frequency performance, small ceramic
capacitors may still have to be parallel connected with
large ones to optimize performance.
High performance through-hole capacitors may also be
used, but an additional ceramic capacitor in parallel is
recommended to reduce the effect of their lead inductance.
Remember also to place high frequency decoupling capaci-
tors as close as possible to the power pins of the load.
Top MOSFET Driver Supply (CB, DB)
An external bootstrap capacitor, CB, connected to the
BOOST pin supplies the gate drive voltage for the topside
MOSFET. This capacitor is charged through diode DB from
DRVCC when the switch node is low. When the top MOSFET
turns on, the switch node rises to VIN and the BOOST pin
rises to approximately VIN + INTVCC. The boost capacitor
needs to store approximately 100 times the gate charge
required by the top MOSFET. In most applications a 0.1μF
to 0.47μF, X5R or X7R dielectric capacitor is adequate. It
is recommended that the BOOST capacitor be no larger
than 10% of the DRVCC capacitor, CDRVCC, to ensure that
the CDRVCC can supply the upper MOSFET gate charge
and BOOST capacitor under all operating conditions. Vari-
able frequency in response to load steps offers superior
transient performance but requires higher instantaneous
gate drive. Gate charge demands are greatest in high
frequency low duty factor applications under high load
steps and at start-up.
DRVCC Regulator and EXTVCC Power
The LTC3839 features a PMOS low dropout (LDO) linear
regulator that supplies power to DRVCCfromtheVINsupply.
The LDO regulates its output at the DRVCC1 pin to 5.3V.
The LDO can supply a maximum current of 100mA and
must be bypassed to ground with a minimum of 4.7μF
ceramic capacitor. Good bypassing is needed to supply
the high transient currents required by the MOSFET gate
drivers and to minimize interaction between the channels.
High input voltage applications in which large MOSFETs are
being driven at high frequencies may cause the maximum
junction temperature rating for the LTC3839 to be exceeded,
especially if the LDO is active and provides DRVCC. Power
dissipation for the IC in this case is highest and is ap-
proximately equal to VIN • IDRVCC. The gate charge current
is dependent on operating frequency as discussed in the
Efficiency Considerations section. The junction temperature
can be estimated by using the equation given in Note 2
of the Electrical Characteristics. For example, when using
the LDO, LTC3839’s DRVCC current is limited to less than
32mA from a 38V supply at TA = 70°C:
TJ = 70°C + (32mA)(38V)(44°C/W) = 125°C
To prevent the maximum junction temperature from being
exceeded, the input supply current must be checked while
operating in continuous conduction mode at maximum VIN.
When the voltage applied to the EXTVCC pin rises above
the switchover voltage (typically 4.6V), the VIN LDO is
turned off and the EXTVCC is connected to DRVCC2 pin with
an internal switch. This switch remains on as long as the
voltage applied to EXTVCC remains above the hysteresis
(around 200mV) below the switchover voltage. Using
EXTVCC allows the MOSFET driver and control power to
be derived from the LTC3839’s switching regulator output
VOUT during normal operation and from the LDO when the
output is out of regulation (e.g., start up, short circuit). If
more current is required through the EXTVCC than is speci-
fied, an external Schottky diode can be added between the
EXTVCC and DRVCC pins. Do not apply more than 6V to the
EXTVCC pin and make sure that EXTVCC is less than VIN.
Significant efficiency and thermal gains can be realized
by powering DRVCC from the switching converter output,
since the VIN current resulting from the driver and control
currents will be scaled by a factor of (Duty Cycle)/(Switcher
Efficiency).
Tying the EXTVCC pin to a 5V supply reduces the junction
temperature in the previous example from 125°C to:
TJ = 70°C + (32mA)(5V)(44°C/W) = 77°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com