Electronic Components Datasheet Search
  English  ▼

X  

LTC3880 Datasheet(PDF) 42 Page - Linear Technology

Part # LTC3880
Description  Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3880 Datasheet(HTML) 42 Page - Linear Technology

Back Button LTC3880 Datasheet HTML 38Page - Linear Technology LTC3880 Datasheet HTML 39Page - Linear Technology LTC3880 Datasheet HTML 40Page - Linear Technology LTC3880 Datasheet HTML 41Page - Linear Technology LTC3880 Datasheet HTML 42Page - Linear Technology LTC3880 Datasheet HTML 43Page - Linear Technology LTC3880 Datasheet HTML 44Page - Linear Technology LTC3880 Datasheet HTML 45Page - Linear Technology LTC3880 Datasheet HTML 46Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
LTC3839
42
3839fa
The capacitor placed across the current sensing pins needs
to be placed immediately adjacent to the pins of the IC.
This capacitor helps to minimize the effects of differential
noise injection due to high frequency capacitive coupling.
If problems are encountered with high current output
loading at lower input voltages, look for inductive coupling
between CIN, top and bottom MOSFET components to the
sensitive current and voltage sensing traces.
In addition, investigate common ground path voltage pickup
between these components and the SGND pin of the IC.
High Switching Frequency Operation
At high switching frequencies there may be an increased
sensitivity to noise. Special care may need to be taken to
prevent cycle-by-cycle instability and/or phase-lock jitter.
First, carefully follow the recommended layout techniques
to reduce coupling from the high switching voltage/current
traces. Additionally, use low ESR and low impedance X5R
or X7R ceramic input capacitors: up to 5μF per Ampere of
load current may be needed. If necessary, increase ripple
sense voltage by increasing sense resistance value and
VRNG setting, to improve noise immunity.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com