Electronic Components Datasheet Search
  English  ▼

X  

LTC3880 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3880
Description  Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3880 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3880 Datasheet HTML 14Page - Linear Technology LTC3880 Datasheet HTML 15Page - Linear Technology LTC3880 Datasheet HTML 16Page - Linear Technology LTC3880 Datasheet HTML 17Page - Linear Technology LTC3880 Datasheet HTML 18Page - Linear Technology LTC3880 Datasheet HTML 19Page - Linear Technology LTC3880 Datasheet HTML 20Page - Linear Technology LTC3880 Datasheet HTML 21Page - Linear Technology LTC3880 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
LTC3839
18
3839fa
APPLICATIONS INFORMATION
Inductor Core Selection
Once the value for L is known, the type of inductor must
be selected. The two basic types are iron powder and fer-
rite. The iron powder types have a soft saturation curve
which means they do not saturate hard like ferrites do.
However, iron powder type inductors have higher core
losses. Ferrite designs have very low core loss and are
preferred at high switching frequencies, so design goals
can concentrate on copper loss and preventing saturation.
Core loss is independent of core size for a fixed inductor
value, but it is very dependent on inductance selected. As
inductance increases, core losses go down. Unfortunately,
increased inductance requires more turns of wire and
therefore copper losses will increase.
Ferrite core material saturates hard, which means that in-
ductance collapses abruptly when the peak design current
is exceeded. This results an abrupt increase in inductor
ripple current and consequent output voltage ripple. Do
not allow the core to saturate!
A variety of inductors designed for high current, low volt-
age applications are available from manufacturers such as
Sumida, Panasonic, Coiltronics, Coilcraft, Toko, Vishay,
Pulse and Würth.
Current Sense Pins
Inductor current is sensed through voltage between
SENSE+ and SENSE– pins, the inputs of the internal current
comparators. The input voltage range of the SENSE pins is
–0.5V to 5.5V. Care must be taken not to float these pins
during normal operation. The SENSE+ pins are quasi-high
impedance inputs. There is no bias current into a SENSE+
pin when its corresponding channel’s SENSE– pin ramps
up from below 1.1V and stays below 1.4V. But there is a
small (~1μA) current flowing into a SENSE+ pin when its
corresponding SENSE– pin ramps down from 1.4V and
stays above 1.1V. Such currents also exist on SENSE– pins.
But in addition, each SENSE– pin has an internal 500k
resistor to SGND. The resulted current (VOUT/500k) will
dominate the total current flowing into the SENSE– pins.
SENSE+ and SENSE– pin currents have to be taken into
account when designing either RSENSE or DCR inductor
current sensing.
Current Limit Programming
The current sense comparators’ maximum trip voltage
between SENSE+ and SENSE– (or “sense voltage”), when
ITH is clamped at its maximum 2.4V, is set by the voltage
applied to the VRNG pin and is given by:
VSENSE(MAX) = 0.05VRNG
The valley current mode control loop does not allow the
inductor current valley to exceed 0.05VRNG. Note that ITH
is close to 2.4V when in current limit.
An external resistive divider from INTVCC can be used to set
the voltage on a VRNG pin between 0.6V and 2V, resulting
in a maximum sense voltage between 30mV and 100mV.
Such wide voltage range allows for variety of applications.
The VRNG pin can also be tied to either SGND or INTVCC
to force internal defaults. When VRNG is tied to SGND, the
device has an equivalent VRNG of 0.6V. When the VRNG pin
is tied to INTVCC, the device has an equivalent VRNG of 2V.
Sufficient margin should be allowed to account for IC
and external component tolerances. The Electrical Char-
acteristics (EC) table gives the maximum valley current
sense threshold, VSENSE(MAX)1,2 , which is the guaranteed
specification over the operating junction temperature range
for either of the two channels of LTC3839. When designing
an application, the maximum value in the EC table should
always be used to assure that the maximum possible
current in a single channel does not exceed the rating of
the external components, such as power MOSFETs and
inductors, in a worse case fault condition.
To ensure a multiphase single-output application can deliver
its desired full load current, the minimum output current
capability of the application can be determined from the
lower limits of VSENSE(MAX). For LTC3839, this can be done
using either worst-case or statistical tolerancing. Worst-
case tolerancing is the most conservative and is calculated
from the minimum value of the single channel VSENSE(MAX)
in the EC table, multiplied by the number of phases (e.g.,
2x in a 2-phase application). Statistical tolerancing takes
into consideration the distribution of both current limit
channels to predict the effective statistical limits of the sum
of multiple channels’ VSENSE(MAX). Based on distributions
over temperature of the 2-channel-sum [VSENSE(MAX)1 +
VSENSE(MAX)2 ] from the characterization LTC3839, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com