Electronic Components Datasheet Search
  English  ▼

X  

LTC3880 Datasheet(PDF) 38 Page - Linear Technology

Part # LTC3880
Description  Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3880 Datasheet(HTML) 38 Page - Linear Technology

Back Button LTC3880 Datasheet HTML 34Page - Linear Technology LTC3880 Datasheet HTML 35Page - Linear Technology LTC3880 Datasheet HTML 36Page - Linear Technology LTC3880 Datasheet HTML 37Page - Linear Technology LTC3880 Datasheet HTML 38Page - Linear Technology LTC3880 Datasheet HTML 39Page - Linear Technology LTC3880 Datasheet HTML 40Page - Linear Technology LTC3880 Datasheet HTML 41Page - Linear Technology LTC3880 Datasheet HTML 42Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
LTC3839
38
3839fa
APPLICATIONS INFORMATION
Select the CIN capacitors to give ample capacitance and
RMS ripple current rating. Consider worst-case duty cycles
per Figure 6: If operated at steady-state with SW nodes
fully interleaved, the two channels would generate not
more than 7.5A RMS at full load. In this design example,
3
× 10μF ceramic capacitors are put in parallel to take the
RMS ripple current, with a 220μF aluminum-electrolytic
bulk capacitor for stability. The number of ceramic ca-
pacitors is chosen to keep the ripple current less than 3A
RMS through each device. The bulk capacitor is chosen
per manufacturer’s RMS rating based on simulation with
the circuit model provided in the CIN Selection section.
The output capacitor COUT is chosen for a low ESR to
minimize output voltage changes due to inductor ripple
current and load steps. For the worst-case output ripple
(when the two phases momentarily align and their ripples
add up), consider a single channel’s ripple current flowing
into half of the two channel’s total output capacitance:
∆VOUT(RIPPLE) = ∆IL(MAX) • ESR = 5.85A • 4.5mΩ = 26mV
However, such phase alignment typically occurs only for
several cycles during load transients. At steady load condi-
tions when the phases are interleaved, the ripple currents
from individual channels tend to cancel each other at the
output, which results in lower VOUT ripple.
Another important factor to consider is the droop caused
by load step. Here, a 10A per channel load step will cause
an output change of up to:
∆VOUT(STEP) = ∆ILOAD • ESR = 10A • 4.5mΩ = 45mV
Two optional 100μF ceramic output capacitors per channel
are included to minimize the effect of ESR and ESL in the
output ripple and to improve load step response.
The ITH compensation resistor RITH of 40k and a CITH of
220pF are chosen empirically for fast transient response,
and an additional CITH2 = 22pF is added directly from
ITH pin to SGND, to roll off the system gain at switching
frequency and attenuate high frequency noise.
To set up the detect transient (DTR) feature, pick resistors
for an equivalent RITH = RITH1//RITH2 close to the 40k. Here,
1% resistors RITH1 = 90.9k (low side) and RITH2 = 78.7k
(high side) are used, which yields an equivalent RITH of
42.2k, and a DC-bias threshold of 400mV above one-half
of INTVCC (taking into account the 5μA pull-up current
from DTR pin). This threshold can be adjusted to as low as
200mV if more sensitivity is needed (see the Load-Release
Transient Detection section). Note that even though the
accuracy of the equivalent compensation resistance RITH
is not as important, always use 1% or better resistors for
the resistor divider from INTVCC to SGND to guarantee the
relative accuracy of this DC-bias threshold. To disable the
DTR feature, simply use a single RITH resistor to SGND,
and tie the DTR pin to INTVCC.
PCB Layout Checklist
The printed circuit board layout is illustrated graphically
in Figure 14. Figure 15 illustrates the current waveforms
present in the various branches of 2-phase synchronous
regulators operating in continuous mode. Use the follow-
ing checklist to ensure proper operation:
• A multilayer printed circuit board with dedicated ground
planes is generally preferred to reduce noise coupling
and improve heat sinking. The ground plane layer
should be immediately next to the routing layer for the
power components, e.g., MOSFETs, inductors, sense
resistors, input and output capacitors etc.
• Keep SGND and PGND separate. Upon finishing the
layout, connect SGND and PGND together with a single
PCB trace underneath the IC from the SGND pin through
the exposed PGND pad to the PGND pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com