Electronic Components Datasheet Search
  English  ▼

X  

F75113 Datasheet(PDF) 49 Page - Feature Integration Technology Inc.

Part # F75113
Description  Low Power GPIO with LED Function
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75113 Datasheet(HTML) 49 Page - Feature Integration Technology Inc.

Back Button F75113 Datasheet HTML 45Page - Feature Integration Technology Inc. F75113 Datasheet HTML 46Page - Feature Integration Technology Inc. F75113 Datasheet HTML 47Page - Feature Integration Technology Inc. F75113 Datasheet HTML 48Page - Feature Integration Technology Inc. F75113 Datasheet HTML 49Page - Feature Integration Technology Inc. F75113 Datasheet HTML 50Page - Feature Integration Technology Inc. F75113 Datasheet HTML 51Page - Feature Integration Technology Inc. F75113 Datasheet HTML 52Page - Feature Integration Technology Inc. F75113 Datasheet HTML 53Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 87 page
background image
Dec,2011
V0.13P
- 47 -
F75113
2
GP22_ RESON
R/W
0
Turn on the GPIO22 pin internal pull-up resistor with 10KΩ.
1
GP21_ RESON
R/W
0
Turn on the GPIO21 pin internal pull-up resistor with 10KΩ.
0
GP20_ RESON
R/W
0
Turn on the GPIO20 pin internal pull-up resistor with 10KΩ.
8.2.48 GPIO2X Input De-bounce Register
⎯ Index 36h
Bit
Name
R/W
Default
Description
7
GP27_ ENDB
R/W
0
Enable GPIO27 input de-bounce with 10u (Maximum, when
input signal and detected clock is synchronicity) or 25ms
(Maximum, when input signal and detected clock is
synchronicity) second that selected by 3Ch bit7.
6
GP26_ ENDB
R/W
0
Enable GPIO26 input de-bounce with 10u (Maximum, when
input signal and detected clock is synchronicity) or 25ms
(Maximum, when input signal and detected clock is
synchronicity) second that selected by 3Ch bit6.
5
GP25_ ENDB
R/W
0
Enable GPIO25 input de-bounce with 10u (Maximum, when
input signal and detected clock is synchronicity) or 25ms
(Maximum, when input signal and detected clock is
synchronicity) second that selected by 3Ch bit5.
4
GP24_ ENDB
R/W
0
Enable GPIO24 input de-bounce with 10u (Maximum, when
input signal and detected clock is synchronicity) or 25ms
(Maximum, when input signal and detected clock is
synchronicity) second that selected by 3Ch bit4.
3
GP23_ ENDB
R/W
0
Enable GPIO23 input de-bounce with 10u (Maximum, when
input signal and detected clock is synchronicity) or 25ms
(Maximum, when input signal and detected clock is
synchronicity) second that selected by 3Ch bit3.
2
GP22_ ENDB
R/W
0
Enable GPIO22 input de-bounce with 10u (Maximum, when
input signal and detected clock is synchronicity) or 25ms
(Maximum, when input signal and detected clock is
synchronicity) second that selected by 3Ch bit2.
1
GP21_ ENDB
R/W
0
Enable GPIO21 input de-bounce with 10u (Maximum, when
input signal and detected clock is synchronicity) or 25ms
(Maximum, when input signal and detected clock is
synchronicity) second that selected by 3Ch bit1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com