Electronic Components Datasheet Search
  English  ▼

X  

F75113 Datasheet(PDF) 16 Page - Feature Integration Technology Inc.

Part # F75113
Description  Low Power GPIO with LED Function
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75113 Datasheet(HTML) 16 Page - Feature Integration Technology Inc.

Back Button F75113 Datasheet HTML 12Page - Feature Integration Technology Inc. F75113 Datasheet HTML 13Page - Feature Integration Technology Inc. F75113 Datasheet HTML 14Page - Feature Integration Technology Inc. F75113 Datasheet HTML 15Page - Feature Integration Technology Inc. F75113 Datasheet HTML 16Page - Feature Integration Technology Inc. F75113 Datasheet HTML 17Page - Feature Integration Technology Inc. F75113 Datasheet HTML 18Page - Feature Integration Technology Inc. F75113 Datasheet HTML 19Page - Feature Integration Technology Inc. F75113 Datasheet HTML 20Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 87 page
background image
Dec,2011
V0.13P
- 14 -
F75113
count down to zero
1ms
count down to zero
20ms
WatchDog Timer 2
0~255(sec or minute)
Pulse Width 1ms
Pulse Width 20ms
count down to zero
100ms
Pulse Width 100ms
count down to zero
5s
Pulse Width 5s
0~255(sec or minute)
0~255(sec or minute)
0~255(sec or minute)
RSTOUT2
RSTOUT2
RSTOUT2
RSTOUT2
Power-Down Control Function
F75113 provides smart power down and manual power down. In the smart power down mode, if all functions
idle more then 10ms (Default 63h), the chip would auto power down. Also, it would wakeup when GPIO state change or
read/write the registers. There is a figure describe how F75113 Auto-Power-Down the system.
In manual power down, if users set bit 0 to one at index 01h of Configuration Registers, the F75113 will be
power down instantly. There is a figure describe how F75113 Power-Down the system in manual power down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com