Electronic Components Datasheet Search
  English  ▼

X  

F75113 Datasheet(PDF) 21 Page - Feature Integration Technology Inc.

Part # F75113
Description  Low Power GPIO with LED Function
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75113 Datasheet(HTML) 21 Page - Feature Integration Technology Inc.

Back Button F75113 Datasheet HTML 17Page - Feature Integration Technology Inc. F75113 Datasheet HTML 18Page - Feature Integration Technology Inc. F75113 Datasheet HTML 19Page - Feature Integration Technology Inc. F75113 Datasheet HTML 20Page - Feature Integration Technology Inc. F75113 Datasheet HTML 21Page - Feature Integration Technology Inc. F75113 Datasheet HTML 22Page - Feature Integration Technology Inc. F75113 Datasheet HTML 23Page - Feature Integration Technology Inc. F75113 Datasheet HTML 24Page - Feature Integration Technology Inc. F75113 Datasheet HTML 25Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
Dec,2011
V0.13P
- 19 -
F75113
23
GPIO1X Level / Pulse Control Register
0
0
0
0
0
0
0
0
24
GPIO1X pulse width control Register
-
-
-
-
-
-
0
0
25
GPIO1X internal pull-high enable Register
0
0
0
0
0
0
0
0
26
GPIO1X debounce enable Register
0
0
0
0
0
0
0
0
27
GPIO1X pin inverse enable Register
0
0
0
0
0
0
0
0
28
GPIO1X edge detect enable Register
0
0
0
0
0
0
0
0
29
GPIO1X edge detect status Register
0
0
0
0
0
0
0
0
2A
SMI event of GPIO1x port enable Register
0
0
0
0
0
0
0
0
2B
GPIO1X output buffer enable Register
0
0
0
0
0
0
0
0
2C
GPIO1X debounce timing select Register
0
0
0
0
0
0
0
0
2D
LED1X frequency select Register
0
0
0
0
0
0
0
0
2E
LED1X frequency select Register
0
0
0
0
0
0
0
0
30
GPIO2X output control Register
0
0
0
0
0
0
0
0
31
GPIO2X output control Register
0
0
0
0
0
0
0
0
32
GPIO2X pin status Register
-
-
-
-
-
-
-
-
33
GPIO2X Level / Pulse Control Register
0
0
0
0
0
0
0
0
34
GPIO2X pulse width control Register
-
-
-
-
-
-
0
0
35
GPIO2X internal pull-high enable Register
0
0
0
0
0
0
0
0
36
GPIO2X debounce enable Register
0
0
0
0
0
0
0
0
37
GPIO2X pint inverse enable Register
0
0
0
0
0
0
0
0
38
GPIO2X edge detect enable Register
0
0
0
0
0
0
0
0
39
GPIO2X edge detect status Register
0
0
0
0
0
0
0
0
3A
SMI event of GPIO2X port enable Register
0
0
0
0
0
0
0
0
3B
GPIO2X output buffer enable Register
0
0
0
0
0
0
0
0
3C
GPIO2X debounce timing select Register
0
0
0
0
0
0
0
0
3D
LED2X frequency select Register
0
0
0
0
0
0
0
0
3E
LED2X frequency select Register
0
0
0
0
0
0
0
0
3F
GPIO2X low level input enable Register
0
0
0
0
0
0
0
0
40
GPIO3X output control Register
0
0
0
0
0
0
0
0
41
GPIO3X output control Register
0
0
0
0
0
0
0
0
42
GPIO3X pin status Register
-
-
-
-
-
-
-
-
43
GPIO3X Level / Pulse Control Register
0
0
0
0
0
0
0
0
44
GPIO3X pulse width control Register
-
-
-
-
-
-
0
0
45
GPIO3X internal pull-high enable Register
0
0
0
0
0
0
0
0
46
GPIO3X debounce enable Register
0
0
0
0
0
0
0
0
47
GPIO3X pin inverse enable Register
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com