Electronic Components Datasheet Search
  English  ▼

X  

F75113 Datasheet(PDF) 11 Page - Feature Integration Technology Inc.

Part # F75113
Description  Low Power GPIO with LED Function
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75113 Datasheet(HTML) 11 Page - Feature Integration Technology Inc.

Back Button F75113 Datasheet HTML 7Page - Feature Integration Technology Inc. F75113 Datasheet HTML 8Page - Feature Integration Technology Inc. F75113 Datasheet HTML 9Page - Feature Integration Technology Inc. F75113 Datasheet HTML 10Page - Feature Integration Technology Inc. F75113 Datasheet HTML 11Page - Feature Integration Technology Inc. F75113 Datasheet HTML 12Page - Feature Integration Technology Inc. F75113 Datasheet HTML 13Page - Feature Integration Technology Inc. F75113 Datasheet HTML 14Page - Feature Integration Technology Inc. F75113 Datasheet HTML 15Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
Dec,2011
V0.13P
- 9 -
F75113
6.3 Access Interface
Pin No.
(F75113U)
Pin Name
Type
PWR
Description
46
LCLK
INst5v
VDD
LPC clock input.
SMBCLK
INst5v
VDD
SMBus clock.
SPI_CLK
INst5v
VDD
SPI clock.
47
LFRAME#
INst5v
VDD
LPC LFRAME# signal.
SMBDAT
I/OD16st5v
VDD
SMBus data
SPI_CS#
INst5v
VDD
SPI chip select
48
LRESET#
INst5v
VDD
LPC reset signal
SPI_MOSI
INst5v
VDD
SPI master output, slave input
01
LAD0
I/O16st5v
VDD
LPC LAD signal.
SPI_MISO
O16-5v
VDD
SPI master input, slave output
02,03
LAD1,
LAD2
I/O16st5v
VDD
LPC LAD signal.
04
LAD3
I/O16st5v
VDD
LPC LAD signal.
GPIO47
I/OOD16st5v
VDD
General purpose I/O pin.
05
SERIRQ
I/O16st5v
VDD
Serial IRQ input/Output. (for LPC interface)
GPIO46
I/OOD16st5v
VDD
General purpose I/O pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com