Electronic Components Datasheet Search
  English  ▼

X  

F75113 Datasheet(PDF) 32 Page - Feature Integration Technology Inc.

Part # F75113
Description  Low Power GPIO with LED Function
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75113 Datasheet(HTML) 32 Page - Feature Integration Technology Inc.

Back Button F75113 Datasheet HTML 28Page - Feature Integration Technology Inc. F75113 Datasheet HTML 29Page - Feature Integration Technology Inc. F75113 Datasheet HTML 30Page - Feature Integration Technology Inc. F75113 Datasheet HTML 31Page - Feature Integration Technology Inc. F75113 Datasheet HTML 32Page - Feature Integration Technology Inc. F75113 Datasheet HTML 33Page - Feature Integration Technology Inc. F75113 Datasheet HTML 34Page - Feature Integration Technology Inc. F75113 Datasheet HTML 35Page - Feature Integration Technology Inc. F75113 Datasheet HTML 36Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 87 page
background image
Dec,2011
V0.13P
- 30 -
F75113
2
GP02_ ENDB
R/W
0
Enable GPIO02 input de-bounce with 10u (Maximum, when
input signal and detected clock is synchronicity) or 25ms
(Maximum, when input signal and detected clock is
synchronicity) second that selected by 1Ch bit2.
1
GP01_ ENDB
R/W
0
Enable GPIO01 input de-bounce with 10u (Maximum, when
input signal and detected clock is synchronicity) or 25ms
(Maximum, when input signal and detected clock is
synchronicity) second that selected by 1Ch bit1.
0
GP00_ ENDB
R/W
0
Enable GPIO00 input de-bounce with 10u (Maximum, when
input signal and detected clock is synchronicity) or 25ms
(Maximum, when input signal and detected clock is
synchronicity) second that selected by 1Ch bit0.
8.2.19 GPIO0X Pin Inverse Enable Register
⎯ Index 17h
Bit
Name
R/W
Default
Description
7
GP07_ PINV
R/W
0
If the GPIO07 pin inverse was selected, the output signal would
be inversed.
6
GP06_ PINV
R/W
0
If the GPIO06 pin inverse was selected, the output signal would
be inversed.
5
GP05_ PINV
R/W
0
If the GPIO05 pin inverse was selected, the output signal would
be inversed.
4
GP04_ PINV
R/W
0
If the GPIO04 pin inverse was selected, the output signal would
be inversed.
3
GP03_ PINV
R/W
0
If the GPIO03 pin inverse was selected, the output signal would
be inversed.
2
GP02_ PINV
R/W
0
If the GPIO02 pin inverse was selected, the output signal would
be inversed.
1
GP01_ PINV
R/W
0
If the GPIO01 pin inverse was selected, the output signal would
be inversed.
0
GP00_ PINV
R/W
0
If the GPIO00 pin inverse was selected, the output signal would
be inversed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com