Electronic Components Datasheet Search
  English  ▼

X  

F75113 Datasheet(PDF) 39 Page - Feature Integration Technology Inc.

Part # F75113
Description  Low Power GPIO with LED Function
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75113 Datasheet(HTML) 39 Page - Feature Integration Technology Inc.

Back Button F75113 Datasheet HTML 35Page - Feature Integration Technology Inc. F75113 Datasheet HTML 36Page - Feature Integration Technology Inc. F75113 Datasheet HTML 37Page - Feature Integration Technology Inc. F75113 Datasheet HTML 38Page - Feature Integration Technology Inc. F75113 Datasheet HTML 39Page - Feature Integration Technology Inc. F75113 Datasheet HTML 40Page - Feature Integration Technology Inc. F75113 Datasheet HTML 41Page - Feature Integration Technology Inc. F75113 Datasheet HTML 42Page - Feature Integration Technology Inc. F75113 Datasheet HTML 43Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 87 page
background image
Dec,2011
V0.13P
- 37 -
F75113
2
GP12_ PSTS
R
-
Read the GPIO12 data on the pin.
1
GP11_ PSTS
R
-
Read the GPIO11 data on the pin.
0
GP10_PSTS
R
-
Read the GPIO10 data on the pin.
8.2.30 GPIO1X Level/Pulse Control Register
⎯ Index 23h
Bit
Name
R/W
Default
Description
7
GP17_ OMODE
R/W
0
GPIO17 output mode. 0 – level, 1 – pulse.
6
GP16_ OMODE
R/W
0
GPIO16 output mode. 0 – level, 1 – pulse.
5
GP15_ OMODE
R/W
0
GPIO15 output mode. 0 – level, 1 – pulse.
4
GP14_ OMODE
R/W
0
GPIO14 output mode. 0 – level, 1 – pulse.
3
GP13_ OMODE
R/W
0
GPIO13 output mode. 0 – level, 1 – pulse.
2
GP12_ OMODE
R/W
0
GPIO12 output mode. 0 – level, 1 – pulse.
1
GP11_ OMODE
R/W
0
GPIO11 output mode. 0 – level, 1 – pulse.
0
GP10_ OMODE
R/W
0
GPIO10 output mode. 0 – level, 1 – pulse.
8.2.31 GPIO1X Pulse Width Control Register
⎯ Index 24h
Bit
Name
R/W
Default
Description
7-2
Reserved
-
-
Reserved
1-0
GP1_PLSWD
R/W
00b
GPIO1X pulse width. If set the GPIO1X to pulse mode, the pulse
width can be defined as follows.
00b – 500us (Default)
01b – 1ms
10b – 20ms
11b – 100ms
8.2.32 GPIO1X Pull-up Resistor Control Register
⎯ Index 25h
Bit
Name
R/W
Default
Description
7
GP17_ RESON
R/W
0
Turn on the GPIO17 pin internal pull-up resistor with 10KΩ.
6
GP16_ RESON
R/W
0
Turn on the GPIO16 pin internal pull-up resistor with 10KΩ.
5
GP15_ RESON
R/W
0
Turn on the GPIO15 pin internal pull-up resistor with 10KΩ.
4
GP14_ RESON
R/W
0
Turn on the GPIO14 pin internal pull-up resistor with 10KΩ.
3
GP13_ RESON
R/W
0
Turn on the GPIO13 pin internal pull-up resistor with 10KΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com