Electronic Components Datasheet Search
  English  ▼

X  

F75113 Datasheet(PDF) 44 Page - Feature Integration Technology Inc.

Part # F75113
Description  Low Power GPIO with LED Function
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75113 Datasheet(HTML) 44 Page - Feature Integration Technology Inc.

Back Button F75113 Datasheet HTML 40Page - Feature Integration Technology Inc. F75113 Datasheet HTML 41Page - Feature Integration Technology Inc. F75113 Datasheet HTML 42Page - Feature Integration Technology Inc. F75113 Datasheet HTML 43Page - Feature Integration Technology Inc. F75113 Datasheet HTML 44Page - Feature Integration Technology Inc. F75113 Datasheet HTML 45Page - Feature Integration Technology Inc. F75113 Datasheet HTML 46Page - Feature Integration Technology Inc. F75113 Datasheet HTML 47Page - Feature Integration Technology Inc. F75113 Datasheet HTML 48Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 87 page
background image
Dec,2011
V0.13P
- 42 -
F75113
4
EN_GP14_OBUF R/W
0
Enable GPIO14 drive high buffer. If this bit is set to 0, the pin
GPIO14 will be I/OD pin, if set to 1 the pin GPIO14 is I/O pin.
3
EN_GP13_OBUF R/W
0
Enable GPIO13 drive high buffer. If this bit is set to 0, the pin
GPIO13 will be I/OD pin, if set to 1 the pin GPIO13 is I/O pin.
2
EN_GP12_OBUF R/W
0
Enable GPIO12 drive high buffer. If this bit is set to 0, the pin
GPIO12 will be I/OD pin, if set to 1 the pin GPIO12 is I/O pin.
1
EN_GP11_OBUF R/W
0
Enable GPIO11 drive high buffer. If this bit is set to 0, the pin
GPIO11 will be I/OD pin, if set to 1 the pin GPIO11 is I/O pin.
0
EN_GP10_OBUF R/W
0
Enable GPIO10 drive high buffer. If this bit is set to 0, the pin
GPIO10 will be I/OD pin, if set to 1 the pin GPIO10 is I/O pin.
8.2.39 GPIO1X De-bounce Time Select Register
⎯ Index 2Ch
Bit
Name
R/W
Default
Description
7
DB_TIME17_SEL R/W
0
Select GPIO17 input de-bounce time. If set to 1 de-bounce time
is 25ms else if set to 0 de-bounce time is 10us (default).
6
DB_TIME16_SEL R/W
0
Select GPIO16 input de-bounce time. If set to 1 de-bounce time
is 25ms else if set to 0 de-bounce time is 10us (default).
5
DB_TIME15_SEL R/W
0
Select GPIO15 input de-bounce time. If set to 1 de-bounce time
is 25ms else if set to 0 de-bounce time is 10us (default).
4
DB_TIME14_SEL R/W
0
Select GPIO14 input de-bounce time. If set to 1 de-bounce time
is 25ms else if set to 0 de-bounce time is 10us (default).
3
DB_TIME13_SEL R/W
0
Select GPIO13 input de-bounce time. If set to 1 de-bounce time
is 25ms else if set to 0 de-bounce time is 10us (default).
2
DB_TIME12_SEL R/W
0
Select GPIO12 input de-bounce time. If set to 1 de-bounce time
is 25ms else if set to 0 de-bounce time is 10us (default).
1
DB_TIME11_SEL R/W
0
Select GPIO11 input de-bounce time. If set to 1 de-bounce time
is 25ms else if set to 0 de-bounce time is 10us (default).
0
DB_TIME10_SEL R/W
0
Select GPIO10 input de-bounce time. If set to 1 de-bounce time
is 25ms else if set to 0 de-bounce time is 10us (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com