Electronic Components Datasheet Search
  English  ▼

X  

F75113 Datasheet(PDF) 18 Page - Feature Integration Technology Inc.

Part # F75113
Description  Low Power GPIO with LED Function
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75113 Datasheet(HTML) 18 Page - Feature Integration Technology Inc.

Back Button F75113 Datasheet HTML 14Page - Feature Integration Technology Inc. F75113 Datasheet HTML 15Page - Feature Integration Technology Inc. F75113 Datasheet HTML 16Page - Feature Integration Technology Inc. F75113 Datasheet HTML 17Page - Feature Integration Technology Inc. F75113 Datasheet HTML 18Page - Feature Integration Technology Inc. F75113 Datasheet HTML 19Page - Feature Integration Technology Inc. F75113 Datasheet HTML 20Page - Feature Integration Technology Inc. F75113 Datasheet HTML 21Page - Feature Integration Technology Inc. F75113 Datasheet HTML 22Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 87 page
background image
Dec,2011
V0.13P
- 16 -
F75113
8. Register Description
When users access internal registers by LPC interface, the configuration register will be used to control the
behavior of the corresponding devices. To configure the register, using the index port to select the index and then
writing data port to alter the parameters. The default index port and data port are 2Eh and 2Fh respectively. Write
data 10h in index 27h of global control register to change the default value to 4Eh/4Fh. To enable configuration,
the entry key 50h must be written to the index port. To disable configuration, write exit key AAh to the index port.
Following is an example to enable configuration and disable configuration by using debug.
-o 2e 50
-o 2e 50
(enable configuration)
-o 2e aa
(disable configuration)
The Following is a register map (total devices) grouped in hexadecimal address order, which shows a summary of all registers and
their default value. Please refer each device chapter if you want more detail information.
Global Control Registers (for LPC interface)
“-“ Reserved or Tri-State
Global Control Registers
Register
0x[HEX]
Register Name
Default Value
MSB
LSB
07
Logic Device Number Register (LDN)
0
0
0
0
0
0
0
0
20
Chip ID Register
0
0
0
1
0
0
0
0
21
Chip ID Register
0
0
0
1
0
0
0
1
23
Vendor ID Register
0
0
0
1
1
0
0
1
24
Vendor ID Register
0
0
1
1
0
1
0
0
27
Configuration Port Select Register
-
-
-
0
-
-
-
-
30
Base Address Enable
-
-
-
-
-
-
-
0
8.1.1 Global – Logic Device Number Register - Index 07h
Bit
Name
R/W Default
Description
7-0
LDN
R/W
00h
00h: Global control registers.
01h: Select GPIO control registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com