Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 106 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 102Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 103Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 104Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 105Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 106Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 107Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 108Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 109Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
106
MC34708
Functional Block Description
RUART_ON
RUART_ONFLT
RxD and TxD Switches
• On resistance
• On resistance flatness (from 0.0 to 3.3 V)
-
-
-
-
60
6.0
W
RMIC_ON
MIC Switches
• On resistance (at 1.5 V MIC bias voltage)
-
75
150
W
RPD_AUDIO Pull-Down Resistors between SPK_L or SPK_R Pins to GND
-
100
-
k
Signal Voltage Range
•MIC
• SPK_L, SPK_R
• D+, D-, RxD, TxD
-
-1.5
-0.3
-
-
-
1.5
1.5
3.6
V
VA_PSRR
PSRR - From BP (100 mVrms) to DP/DM Pins
•20 Hz to 20 kHz with 32/16
load.
-
-
-60
dB
THD
Total Harmonic Distortions
•20 Hz to 20 kHz with 32/16
load.
-
-
0.05
%
VA_CT
Crosstalk between Two Channels
•20 Hz to 20 kHz with 32/16
load.
-
-
-50
dB
VA_ISO
Off Channel Isolation
• Less than 1.0 MHz
-
-
-100
dB
Power Supply Type Identification
VDAT_SRC
Data Source Voltage
• Loaded by 0~200 μA
0.5
0.6
0.7
V
IDAT_SRC
Data Source Current
0.0
-
200
μA
VDAT_REF
Data Detect Voltage
0.3
0.35
0.4
V
VCR_REF
Car Kit Detect Voltage
0.8
0.9
1.0
V
IDAT_SINK
Data Sink Current
• DM pin is biased between 0.15 to 3.0 V
65
100
135
μA
CDP/DM
DP, DM Pin Capacitance
-
8.0
-
pF
RDP/DM
DP, DM Pin Impedance
• All switches are off (Switch_Open = 0)
-
50
-
M
ID Detection
VFLOAT
ID FLOAT Threshold
• Detection threshold
-
2.3
-
V
tID_FLOAT
ID FLOAT Detection Deglitch Time
-
20
-
ms
IID
Pull-up Current Source
• When ADC Result is 1xxxx
• When ADC Result is 0xxxx
1.9
30.4
2.0
32
2.1
33.6
μA
IVCBL
VVCBL_L
VVCBL_H
Video Cable Detection
• Detection current
• Detection voltage low threshold
• Detection voltage high threshold
1.0
-
-
1.2
50
118
1.4
-
-
mA
mV
mV
Table 97. USB Interface Electrical Characteristics
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com