Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 107 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 103Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 104Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 105Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 106Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 107Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 108Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 109Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 110Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 159 page
background image
Analog Integrated Circuit Device Data
107
Freescale Semiconductor
MC34708
Functional Block Description
7.9
Serial Interfaces
The IC contains a number of programmable registers for control and communication. The majority of registers are accessed
through a SPI interface in a typical application. The same register set may alternatively be accessed with an I2C interface that is
muxed on SPI pins. Table 98 describes the muxed pin options for the SPI and I2C interfaces; further details for each interface
mode follow.
7.9.1
SPI Interface
The IC contains a SPI interface port which allows access by a processor to the register set. Via these registers, the resources of
the IC can be controlled. The registers also provide status information about how the IC is operating, as well as information on
external signals.
Because the SPI interface pins can be reconfigured for reuse as an I2C interface, a configuration protocol mandates that the CS
pin is held low during a turn on event for the IC (a weak pull-down is integrated on the CS pin). The state of CS is latched in during
the initialization phase of a Cold Start sequence, ensuring that the I2C bus is configured before the interface is activated. With
the CS pin held low during startup (as would be the case if connected to the CS driver of an unpowered processor due to the
integrated pull down), then the bus configuration will be latched for SPI mode.
The SPI port utilizes 32-bit serial data words comprised of 1 write/read_b bit, 6 address bits, 1 null bit, and 24 data bits. The
addressable register map spans 64 registers of 24 data bits each. The map is not fully populated, but it follows the legacy
conventions for bit positions corresponding to common functionality with previous generation FSL products.
7.9.1.1
SPI Interface Description
For a SPI read, the first bit sent to the IC must be a zero indicating a SPI read cycle. Next, the six bit address is sent MSB first.
This is followed by one dead bit to allow for more address decode time. The MC34708 will clock the above bits in on the rising
edge of the SPI clock. The 24 data bits are then driven out on the MISO pin on the falling edge of the SPI clock, so the master
can clock them in on the rising edge of the SPI clock.
For each MOSI SPI transfer, first a one is written to the write/read_b bit if this SPI transfer is to be a write. A zero is written to the
write/read_b bit if this is to be a read command. If a zero is written, then any data sent after the address bits are ignored and the
internal contents of the field addressed do not change when the 32nd CLK is sent.
tVCBL
Video Cable Detection Time (Video Cable Detection Current Source On
Time)
-
20
-
ms
tRMTCON_DG Key Press Comparator Debounce Time
-
20
-
ms
Table 98. SPI / I2C Bus Configuration
Pin Name
SPI Mode Functionality
I2C Mode Functionality
CS
Configuration (69), Chip Select
Configuration (70)
CLK
SPI Clock
SCL: I2C bus clock
MISO
Master In, Slave Out (data output)
SDA: Bi-directional serial data line
MOSI
Master Out, Slave In (data input)
A0 Address Selection (71)
Notes
69.
CS held low at Cold Start, configures the interface for SPI mode; once activated, CS functions as the SPI Chip Select.
70.
CS tied to VCOREDIG at Cold Start, configures the interface for I2C mode; the pin is not used in I2C mode, other than for configuration.
71.
In I2C mode, the MOSI pin is hardwired to ground, or VCOREDIG is used to select between two possible addresses.
Table 97. USB Interface Electrical Characteristics
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com