Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 104Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 105Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 106Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 107Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 108Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 109Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 110Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 111Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
108
MC34708
Functional Block Description
For a SPI write, the first bit sent to the MC34708 must be a one, indicating a SPI write cycle. Next the six bit address is sent MSB
first. This is followed by one dead bit to allow for more address decode time. The data is then sent MSB first. The SPI data is
written to the SPI register whose address was sent at the start of the SPI cycle on the falling edge of the 32nd SPI clock.
Additionally, whenever a SPI write cycle is taking place the SPI read data is shifted out for the same address as for the write
cycle. Next the 6-bit address is written, MSB first. Finally, data bits are written, MSB first. Once all the data bits are written then
the data is transferred into the actual registers on the falling edge of the 32nd CLK.
The CS polarity is active high. The CS line must remain high during the entire SPI transfer. For a write sequence it is possible for
the written data to be corrupted, if after the falling edge of the 32nd clock the CS goes low before it's required time. CS can go
low before this point and the SPI transaction will be ignored, but after that point the write process is started and cannot be
stopped, because the write strobe pulse is already being generated, and CS going low may cause a runt pulse that may or may
not be wide enough to clock all 24 data bits properly. To start a new SPI transfer, the CS line must be toggled low and then pulled
high again. The MISO line will be tri-stated while CS is low.
The register map includes bits that are read/write, read only, read/write “1” to clear (i.e., Interrupts), and clear on read, reserved,
and unused. Refer to the SPI/I2C Register Map and the individual subcircuit descriptions to determine the read/write capability
of each bit. All unused SPI bits in each register must be written to as zeroes. A SPI read back of the address field and unused
bits are returned as zeroes. To read a field of data, the MISO pin will output the data field pointed to by the 6 address bits loaded
at the beginning of the SPI sequence.
Figure 33. SPI Transfer Protocol Single Read/Write Access
Figure 34. SPI Transfer Protocol Multiple Read/Write Access
 
CS
CLK
MOSI
MISO
Write_En
Address5
Address4
Address3
Address2
Address 1
Address 0
Data 23
Data 1
Data 0
Data 23
Data 1
Data 0
D ata 22
D ata 22
“D ead Bit”
 
24 Bits Data
24 Bits Data
24 Bits Data
24 Bits Data
Preamble
First Address
Preamble
Another Address
MOSI
MISO
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com