Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 125 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 125 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 121Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 122Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 123Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 124Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 125Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 126Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 127Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 128Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 129Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 159 page
background image
Analog Integrated Circuit Device Data
125
Freescale Semiconductor
MC34708
Functional Block Description
Reserved
22
R
NONE
0x0
Reserved
Unused
23
R
0x1
Not available
Table 110. Register 5, Interrupt Sense 1
Name
Bit #
R/W
Reset
Default
Description
Unused
2-0
R
0x0
Not available
PWRON1S
3
R
NONE
S
PWRON1I sense bit
PWRON2S
4
R
NONE
S
PWRON2I sense bit
Unused
10-5
R
0x0
Not available
THERM110S
11
R
NONE
S
THERM110 sense bit
THERM120S
12
R
NONE
S
THERM120 sense bit
THERM125S
13
R
NONE
S
THERM125 sense bit
THERM130S
14
R
NONE
S
THERM130 sense bit
CLKS
15
R
NONE
0x0
CLKI sense bit
Unused
21-16
R
0x00
Not available
Reserved
22
R
NONE
0x0
Reserved
Unused
23
R
NONE
0x0
Not available
Table 111. Register 6, Power Up Mode Sense
Name
Bit #
R/W
Reset
Default
(73)
Description
ICTESTS
0
R
NONE
S
ICTEST sense state
PUMS1S
1
R
NONE
L
PUMS1 state
PUMS2S
2
R
NONE
L
PUMS2 state
PUMS3S
3
R
NONE
L
PUMS3 state
PUMS4S
4
R
NONE
L
PUMS4 state
PUMS5S
5
R
NONE
L
PUMS5 state
Unused
8-6
R
0x0
Not available
Reserved
9
R
NONE
0x0
Reserved
Unused
23-10
R
0x0000 Not available
73.
L = Loaded PUMSx level at startup.
Table 112. Register 7, Identification
Name
Bit #
R/W
Reset
Default
Description
METAL_LAYER_REV[2:0]
2-0
R
NONE
X
Metal Layer version
Pass 2.4 =100
FULL_LAYER_REV[2:0]
5-3
R
NONE
X
Full Layer version
Pass 2.4 = 010
FIN[2:0]
8-6
R
NONE
X
FIN version
Pass 2.4 = 000
Table 109. Register 4, Interrupt Mask 1
Name
Bit #
R/W
Reset
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com