Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 128 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 128 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 124Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 125Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 126Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 127Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 128Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 129Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 130Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 131Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 132Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
128
MC34708
Functional Block Description
CLK32KDRV[1:0]
18-17
R/W
RTCPORB
0x01
CLK32K and CLK32KMCU drive strength (master control
bits)
Unused
20-19
R
0x00
Not available
ON_STBY_LP
21
R/W
RESETB
0x0
On Standby Low Power Mode
0 = Low power mode disabled
1 =Low power mode enabled
STBYDLY[1:0]
23-22
R/W
RESETB
0x01
Standby delay control
Table 121. Register 16, Memory A
Name
Bit #
R/W
Reset
Default
Description
MEMA[23:0]
23-0
R/W
RTCPORB
0x000000 Backup memory A
Table 122. Register 17, Memory B
Name
Bit #
R/W
Reset
Default
Description
MEMB[23:0]
23:0
R/W
RTCPORB
0x000000 Backup memory B
Table 123. Register 18, Memory C
Name
Bit #
R/W
Reset
Default
Description
MEMC[23:0]
23-0
R/W
RTCPORB
0x000000 Backup memory C
Table 124. Register 19, Memory D
Name
Bit #
R/W
Reset
Default
Description
MEMD[23:0]
23-0
R/W
RTCPORB
0x000000 Backup memory D
Table 125. Register 20, RTC Time
Name
Bit #
R/W
Reset
Default
Description
TOD[16:0]
16-0
R/W
RTCPORB (75) 0x00000 Time of day counter
RTCCAL[4:0]
21-17
R/W
RTCPORB (75)
0x00
RTC calibration count
RTCCALMODE[1:0]
23-22
R/W
RTCPORB (75)
0x0
RTC calibration mode
Notes
75.
Reset by RTCPORB but not during a GLBRST (global reset)
Table 126. Register 21, RTC Alarm
Name
Bit #
R/W
Reset
Default
Description
TODA[16:0]
16-0
R/W
RTCPORB (76) 0x1FFFF Time of day alarm
Unused
22-17
R
0x00
Not available
RTCDIS
23
R/W
RTCPORB (76)
0x0
Disable RTC
Notes
76.
Reset by RTCPORB but not during a GLBRST (global reset)
Table 120. Register 15, Power Control 2
Name
Bit #
R/W
Reset
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com