Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 129 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 129 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 125Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 126Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 127Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 128Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 129Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 130Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 131Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 132Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 133Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 159 page
background image
Analog Integrated Circuit Device Data
129
Freescale Semiconductor
MC34708
Functional Block Description
Table 127. Register 22, RTC Day
Name
Bit #
R/W
Reset
Default
Description
DAY[14:0]
14-0
R/W
RTCPORB (77) 0x0000 Day counter
Unused
23-15
R
0x000
Not available
Notes
77.
Reset by RTCPORB but not during a GLBRST (global reset)
Table 128. Register 23, RTC Day Alarm
Name
Bit #
R/W
Reset
Default
Description
DAYA[14:0]
14-0
R/W
RTCPORB (78) 0x7FFF Day alarm
Unused
23-15
R
0x000
Not available
Notes
78.
Reset by RTCPORB but not during a GLBRST (global reset)
Table 129. Register 24, Regulator 1A/B Voltage
Name
Bit #
R/W
Reset
Default
Description
SW1A[5:0]
5-0
R/WM
NONE
*
SW1 setting in normal mode
SW1ASTBY[5:0]
11-6
R/WM
NONE
*
SW1 setting in Standby mode
Reserved
23-12
R
NONE
*
Not available
Table 130. Register 25, Regulator 2 & 3 Voltage
Name
Bit #
R/W
Reset
Default
Description
SW2[5:0]
5-0
R/WM
NONE
*
SW2 setting in normal mode
SW2STBY[5:0]
11-6
R/WM
NONE
*
SW2 setting in Standby mode
SW3[4:0]
16-12 R/WM
NONE
*
SW3 setting in normal mode
Unused
17
R
0x0
Not available
SW3STBY[4:0]
22-18 R/WM
NONE
*
SW3 setting in standby mode
Unused
23
R
0x0
Not available
Table 131. Register 26, Regulator 4A/B
Name
Bit #
R/W
Reset
Default
Description
SW4A[0:4]
4-0
R/WM
NONE
*
SW4A setting in normal mode
SW4ASTBY[4:0]
9-5
R/WM
NONE
*
SW4A setting in Standby mode
SW4AHI[1:0]
11-10 R/WM
NONE
*
SW4A high setting
SW4B[4:0]
16-12 R/WM
NONE
*
SW4B setting in normal mode
SW4BSTBY[4:0]
21-17 R/WM
RESETB
*
SW4B setting in Standby mode
SW4BHI[1:0]
23-22 R/WM
RESETB
*
SW4B high setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com