Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 134 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 134 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 130Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 131Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 132Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 133Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 134Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 135Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 136Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 137Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 138Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
134
MC34708
Functional Block Description
SRE[1:0]
15-14
R/W
RESETB
0x0
Slew rate enable
00: slow (default)
01: normal
10: fast
11: very fast
Unused
23-16
R
0x00
Not available
Table 140. Register 35, GPIOLV2 Control
Name
Bit #
R/W
Reset
Default
Description
DIR
0
R/W
RESETB
0x0
GPIOLV2 direction
0: Input
1: Output
DIN
1
R/W
RESETB
0x0
Input state of GPIOLV2 pin
0: Input low
1: Input High
DOUT
2
R/W
RESETB
0x0
Output state of GPIOLV2 pin
0: Output Low
1: Output High
HYS
3
R/W
RESETB
0x1
Hysteresis
0: CMOS in
1: Hysteresis
DBNC[1:0]
5-4
R/W
RESETB
0x0
GPIOLV2 input debounce time
00: no debounce
01: 10 ms debounce
10: 20 ms debounce
11: 30 mS debounce
INT[1:0]
7-6
R/W
RESETB
0x0
GPIOLV2 interrupt control
00: None
01: Falling edge
10: Rising edge
11: Both edges
PKE
8
R/W
RESETB
0x0
Pad keep enable
0: Off
1: On
ODE
9
R/W
RESETB
0x0
Open drain enable
0: CMOS
1: OD
DSE
10
R/W
RESETB
0x0
Drive strength enable
0: 4.0 mA
1: 8.0 mA
PUE
11
R/W
RESETB
0x1
Pull-up/down enable
0: pull-up/down off
1: pull-up/down on (default)
PUS[1:0]
13-12
R/W
RESETB
0x3
Pull-up/Pull-down select
00: 10 K pull-down
01: 100 K pull-down
10: 10 K pull-up
11: 100 K pull-up
Table 139. Register 34, GPIOLV1 Control
Name
Bit #
R/W
Reset
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com