Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 138 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 138 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 134Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 135Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 136Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 137Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 138Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 139Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 140Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 141Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 142Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
138
MC34708
Functional Block Description
SWITCH_OPEN
3
R/W
MUSBRSTB
0x1
Switch connection selection
0: Open all switches
1: Switch selection according to the Manual S/W bit.
RESET
4
RWM
MUSBRSTB
0x0
Soft reset. When written to 1, the IC is reset. Once the reset
is complete, the RST bit is set and the RESET bit is cleared
automatically.
1: to soft-reset the IC
TTY_SPKL
5
R/W
MUSBRSTB
0x0
SPK_L to DM switch control
0: Turn off the SPK_L to DM switch
1: Turn on the SPK_L to DM switch for TTY
RST
6
R/C
MUSBRSTB
X
This bit indicates if a chip reset has occurred. This bit will be
cleared once being read.
0: no.
1: Yes.
ACTIVE
7
R/W
MUSBRSTB
X
Indicate either the device is in Active mode
0: Standby
1: Active
CLK_RST
8
R/C
MUSBRST
0x1
Not available
VOTGEN
9
R/W
RESETB
0x0
Enables the OTG switch and the GOTG switch
Unused
10
R
0x0
Not available
Reserved
11
R
NONE
0x0
Reserved
SWHOLD
12
R/W
MUSBRSTB
0x1
Switch Hold
0: Run state machine and allow detection of accessory
1: Holds off state machine until baseband comes up
Reserved
14-13
R
NONE
0x0
Reserved
VBUS SWITCHING[1:0] 16-15
R/W
MUSBRSTB
0x0
VBUS line switching configuration when Manual S/W = 0
00: open all switches MOTG, M0
01: N/A
10: VBUS connects to MIC. M0, MOTG.
Others: open all switches connected to the VBUS line
DP SWITCHING[2:0]
19-17
R/W
MUSBRSTB
0x0
DP line switching configuration when Manual S/W = 0
000: open all switches
001: DP connected to D+, DM connected to D-
010: DP connected to SPK_R, DM connected to SPK_L
011: DP connected to RxD, DM connected to TxD
Others: open all switches connected to the DP pin and DM
pin
DM SWITCHING[2:0]
22-20
R/W
MUSBRSTB
0x0
DM line switching configuration when Manual S/W = 0
000: open all switches
001: DP connected to D+, DM connected to D-
010: DP connected to SPK_R, DM connected to SPK_L
011: DP connected to RxD, DM connected to TxD
Others: open all switches connected to the DP pin and DM
pin
READVALID
23
R
MUSBRSTB
0x0
Read data valid
0: Data not valid
1: Data valid
Table 144. Register 39, USB Control
Name
Bit #
R/W
Reset
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com