Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 139 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 139 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 135Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 136Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 137Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 138Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 139Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 140Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 141Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 142Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 143Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 159 page
background image
Analog Integrated Circuit Device Data
139
Freescale Semiconductor
MC34708
Functional Block Description
Table 145. Register 40, USB Device Type
Name
Bit #
R/W
Reset
Default
Description
Audio Type 1
0
R
MUSBRSTB
0x0
1: An audio type 1 accessory is attached
Audio Type 2
1
R
MUSBRSTB
0x0
1: An audio type 2 accessory is attached
USB
2
R
MUSBRSTB
0x0
1: A USB host is attached
UART
3
R
MUSBRSTB
0x0
1: A UART cable is attached
5W CHG
4
R
MUSBRSTB
0x0
1: A 5-wire charger (type 1 or 2) is attached
USB CHG
5
R
MUSBRSTB
0x0
1: A USB charger is attached
DEDICATED CHG
6
R
MUSBRSTB
0x0
1: A dedicated charger is attached
USB OTG
7
R
MUSBRSTB
0x0
1: A USB OTG accessory is attached
PPD
8
R
MUSBRSTB
0x0
1: A phone powered device is attached
TTY
9
R
MUSBRSTB
0x0
1: A TTY converter is attached
A/V
10
R
MUSBRSTB
0x0
1: An audio/video cable is attached
AVCHRG
11
R
MUSBRSTB
0x0
1: An audio/video charger is attached
USBJIG1
12
R
MUSBRSTB
0x0
1: A USB jig cable 1 is attached
USBJIG2
13
R
MUSBRSTB
0x0
1: A USB jig cable 2is attached
UARTJIG1
14
R
MUSBRSTB
0x0
1: A UART jig cable 1is attached
UARTJIG2
15
R
MUSBRSTB
0x0
1: A UART jig cable 2 is attached
ID_FACTORY
16
R
MUSBRSTB
0x0
1: A factory cable is attached
UNK_DEVICE
17
R
MUSBRSTB
0x0
1: Device not recognized
Unused
18
R
0x0
Not available
ADCIDRESULT[4:0]
23-19
R
MUSBRSTB
0x00
ADC result value of the resistance at ID pin
Table 146. Register 41 and 42, Unused
Name
Bit #
R/W
Reset
Default
Description
Unused
0-23
R
0x000000 Not available
Table 147. Register 43, ADC 0
Name
Bit #
R/W
Reset
Default
Description
ADEN
0
R/W
DIGRESETB
0x0
Enables ADC from the low power mode
ADSTART
1
R/W
DIGRESETB
0x0
Request a start of the ADC Reading Sequencer
ADCONT
2
R/W
DIGRESETB
0x0
Run ADC reads continuously when high or one time when
low. Note that the TSSTART request will have higher priority
ADHOLD
3
R/W
DIGRESETB
0x0
Hold the ADC reading Sequencer while saved ADC results
are read from SPI
ADSTOP[2:0]
6-4
R/W
DIGRESETB
0x0
Channel Selection to stop when complete. Always start at
000 and read up to and including this channel value.
Spare
7
R/W
DIGRESETB
0x0
Not available
THERM
8
R/W
DIGRESETB
0x0
0 = Disable manual LED control.
1= Enable manual LED control
Spare
11-9
R/W
DIGRESETB
0x0
Not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com