Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 143 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 143 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 139Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 140Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 141Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 142Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 143Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 144Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 145Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 146Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 147Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 159 page
background image
Analog Integrated Circuit Device Data
143
Freescale Semiconductor
MC34708
Functional Block Description
Table 157. Register 53, VBUS Monitoring
Name
Bit #
R/W
Reset
Default
Description
VBUSTL[2:0]
2-0
R/W
RESETB
0x3
VBUS threshold low
VBUSTH[2:0]
5-3
R/W
RESETB
0x3
VBUS threshold high
Reserved
23-6
R/W
NONE
0x00000 Reserved
Table 158. Register 54, LED Control
Name
Bit #
R/W
Reset
Default
Description
CHRGLEDRPER[1:0]
1-0
R/W
RESETB
0x0
Charger LED red repetition period
CHRGLEDRRAMP
2
R/W
RESETB
0x0
Charger LED red channel driver ramp enable
CHRGLEDRDC[5:0]
8-3
R/W
RESETB
0x00
Charger LED red channel driver duty cycle
CHRGLEDR[1:0]
10-9
R/W
RESETB
0x3
Charger LED red driver current setting
CHRGLEDREN
11
R/W
RESETB
0x0
Charger LED red enable
CHRGLEDGPER[1:0]
13-12
R/W
RESETB
0x0
Charger LED green repetition period
CHRGLEDGRAMP
14
R/W
RESETB
0x0
Charger LED green channel driver ramp enable
CHRGLEDGDC[5:0]
20-15
R/W
RESETB
0x00
Charger LED green channel driver duty cycle
CHRGLEDG[1:0]
22-21
R/W
RESETB
0x3
Charger LED green driver current setting
CHRGLEDGEN
23
R/W
RESETB
0x0
Charger LED green enable
Table 159. Register 55, PWM Control
Name
Bit #
R/W
Reset
Default
Description
PWM1DUTY[5:0]
5-0
R/W
RESETB
0x00
PWM1 Duty Cycle
PWMCLKDIV[5:0]
11-6
R/W
RESETB
0x00
PWM1 Clock Divide Setting
PWM2DUTY[5-0]
17-12
R/W
RESETB
0x00
PWM2 Duty Cycle
PWM2CLKDIV[5:0]
23-18
R/W
RESETB
0x00
PWM2 Clock Divide Setting
Table 160. Register 56 to 63, Unused
Name
Bit #
R/W
Reset
Default
Description
Unused
0-23
R
0x000000
Not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com