Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 141 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 141 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 137Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 138Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 139Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 140Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 141Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 142Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 143Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 144Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 145Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 159 page
background image
Analog Integrated Circuit Device Data
141
Freescale Semiconductor
MC34708
Functional Block Description
ADSEL4[3:0]
19-16
R/W
DIGRESETB
0x0
Channel Selection to place in ADRESULT4
ADSEL5[3:0]
23-20
R/W
DIGRESETB
0x0
Channel Selection to place in ADRESULT5
Table 150. Register 46, ADC 3
Name
Bit #
R/W
Reset
Default
Description
ADSEL6[3:0]
3-0
R/W
DIGRESETB
0x0
Channel Selection to place in ADRESULT6
ADSEL7[3:0]
7-4
R/W
DIGRESETB
0x0
Channel Selection to place in ADRESULT7
TSSEL0[1:0]
9-8
R/W
DIGRESETB
0x0
Touchscreen Selection to place in ADRESULT0.
Select the action for the Touchscreen;
00 = dummy to discharge TSREF capacitance,
01 = to read X-plate, 10 = to read Y-plate, and 11 = to read
Contact.
TSSEL1[1:0]
11-10
R/W
DIGRESETB
0x0
Touchscreen Selection to place in ADRESULT1.
See TSSEL0 for modes.
TSSEL2[1:0]
13-12
R/W
DIGRESETB
0x0
Touchscreen Selection to place in ADRESULT2.
See TSSEL0 for modes.
TSSEL3[1:0]
15-14
R/W
DIGRESETB
0x0
Touchscreen Selection to place in ADRESULT3.
See TSSEL0 for modes.
TSSEL4[1:0]
17-16
R/W
DIGRESETB
0x0
Touchscreen Selection to place in ADRESULT4.
See TSSEL0 for modes.
TSSEL5[1:0]
19-18
R/W
DIGRESETB
0x0
Touchscreen Selection to place in ADRESULT5.
See TSSEL0 for modes.
TSSEL6[1:0]
21-20
R/W
DIGRESETB
0x0
Touchscreen Selection to place in ADRESULT6.
See TSSEL0 for modes.
TSSEL7[1:0]
23-22
R/W
DIGRESETB
0x0
Touchscreen Selection to place in ADRESULT7.
See TSSEL0 for modes.
Table 151. Register 47, ADC 4
Name
Bit #
R/W
Reset
Default
Description
Unused
1-0
R
0x0
Not available
ADRESULT0[9:0]
11-2
R
DIGRESETB
0x000
ADC Result for ADSEL0
Unused
13-12
R
0x0
Not available
ADRESULT1[9:0]
23-14
R
DIGRESETB
0x000
ADC Result for ADSEL1
Table 152. Register 48, ADC5
Name
Bit #
R/W
Reset
Default
Description
Unused
1-0
R
0x0
Not available
ADRESULT2[9:0]
11-2
R
DIGRESETB
0x000
ADC Result for ADSEL2
Unused
13-12
R
0x0
Not available
ADRESULT3[9:0]
23-14
R
DIGRESETB
0x000
ADC Result for ADSEL3
Table 149. Register 45, ADC 2
Name
Bit #
R/W
Reset
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com