Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 137 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 137 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 133Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 134Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 135Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 136Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 137Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 138Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 139Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 140Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 141Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 159 page
background image
Analog Integrated Circuit Device Data
137
Freescale Semiconductor
MC34708
Functional Block Description
Unused
22-20
R
0x0
Not available
READVALID
23
R
MUSBRSTB
0x0
Read data valid
0: Data not valid
1: Data valid
Table 143. Register 38, USB Button
Name
Bit #
R/W
Reset
Default
Description
Send_End
0
R/C
MUSBRSTB
0x0
1: the Send_End button is pressed
S1
1
R/C
MUSBRSTB
0x0
1: button 1 is pressed
S2
2
R/C
MUSBRSTB
0x0
1: button 2 is pressed
S3
3
R/C
MUSBRSTB
0x0
1: button 3 is pressed
S4
4
R/C
MUSBRSTB
0x0
1: button 4 is pressed
S5
5
R/C
MUSBRSTB
0x0
1: button 5 is pressed
S6
6
R/C
MUSBRSTB
0x0
1: button 6 is pressed
S7
7
R/C
MUSBRSTB
0x0
1: button 7 is pressed
S8
8
R/C
MUSBRSTB
0x0
1: button 8 is pressed
S9
9
R/C
MUSBRSTB
0x0
1: button 9 is pressed
S10
10
R/C
MUSBRSTB
0x0
1: button 10 is pressed
S11
11
R/C
MUSBRSTB
0x0
1: button 11 is pressed
S12
12
R/C
MUSBRSTB
0x0
1: button 12 is pressed
ERROR
13
R/C
MUSBRSTB
0x0
1: button error occurred
UNKNOWN
14
R/C
MUSBRSTB
0x0
1: an unknown button is pressed
Unused
23-15
R
0x000
Not available
Table 144. Register 39, USB Control
Name
Bit #
R/W
Reset
Default
Description
Wait
0
R/W
MUSBRSTB
0x1
Wait or not to wait for the command from the baseband
before turning on the analog or digital switches for attached
accessory
0: Wait until this bit is changed to 1. Turn on the switches
immediately when this bit is changed to 1.
1: Wait for only the time programmed by the Switching Wait
bits in Timing Set 2 register before turning on the switches.
Manual S/W
1
R/W
MUSBRSTB
0x1
Manual or automatic switching of the switches
0: manual: the switches are controlled by the Manual S/W
registers.
1: auto: the switches are controlled by the Device Type
registers
RAWDATA
2
R/W
MUSBRSTB
0x1
Interrupt behavior selection
0: Enable the ADC conversion periodically and report the
ADC Result changes on ID pin to the host.
1: Enable the key press monitor circuit to detect the ID pin
status changes and report the key press events to the host.
Table 142. Register 37, USB timing
Name
Bit #
R/W
Reset
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com