Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 146 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 146 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 142Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 143Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 144Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 145Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 146Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 147Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 148Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 149Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 150Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
146
MC34708
Typical Applications
SW1
24
2
L2, L3
1.0
H VLS201612ET-1R0N TDK
Buck 1 Inductor (IMAX < 1.6 Amps)
1.0
H VLS252010ET-1R0N TDK
Optional dual phase Inductor (IMAX 2.0 Amps)
1.0
H BRL3225T1ROM
Taiyo Yuden Optional single Phase inductor (IMAX < 1.6 Amps)
1.0 uH LPS4012-102NL
Coilcraft
Optional single phase inductor (IMAX 2.0 Amps)
25
2
C6, C7
22
F
Buck 1 Output Capacitor
26
1
C5
4.7
F
Buck 1 Input Capacitor
27
1
D8
Diode BAS3010-03LRH
Infineon
SW1LX diode
SW2
28
1
L4
1.0
H VLS252010ET-1R0N TDK
Buck 2 Inductor
29
1
C11
22
F
Buck 2 Output Capacitor
30
1
C10
4.7
F
Buck 2 Input Capacitor
31
1
D10
Diode BAS3010-03LRH
Infineon
SW2LX diode
SW3
32
1
L5
1.0
H VLS201612ET-1R0N TDK
Buck 3 Inductor
33
1
C14
10
F
Buck 3 Output Capacitor
34
1
C13
4.7
F
Buck 3 Input Capacitor
35
1
D11
Diode BAS3010-03LRH
Infineon
SW3LX diode
SW4A
36
1
L6
1.0
H VLS201612ET-1R0N TDK
Buck 4A Inductor
37
0
1.0
H VLS252010ET-1R0N TDK
Optional Inductor
38
1
C17
10
F
Buck 4A Output Capacitor
39
1
C16
4.7
F
Buck 4A Input Capacitor
40
1
D12
Diode BAS3010-03LRH
Infineon
SW4ALX diode
SW4B
41
1
L7
1.0
H VLS201612ET-1R0N TDK
Buck 4B Inductor
42
0
-
1.0
H VLS25010ET-1R0N
TDK
Optional Inductor
43
1
C20
10
F
Buck 4B Output Capacitor
44
1
C19
4.0
F
Buck 4B Input Capacitor
45
1
D13
Diode BAS3010-03LRH
Infineon
SW4BLX diode
SW5
46
1
L8
1.0
H VLS252010ET-1R0N TDK
Buck 5 Inductor
47
1
C23
22
F
Buck 5 Output Capacitor
48
1
C22
4.7
F
Buck 5 Input Capacitor
Table 161. MC34708 Bill of Material (81)
Item
Quantity
Component
Description
Vendor
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com