Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 148 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 148 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 144Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 145Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 146Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 147Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 148Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 149Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 150Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 151Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 152Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
148
MC34708
Typical Applications
8.3
MC34708 Layout Guidelines
8.3.1
General board recommendations
1. It is recommended to use an 8 layer board stack-up arranged as follows:
• High current signal
•GND
•Signal
• Power
• Power
•Signal
•GND
• High current signal
2. Allocate TOP and BOTTOM PCB Layers for POWER ROUTING (high current signals), copper-pour the unused area.
3. Use internal layers sandwiched between two GND planes for the SIGNAL routing.
8.3.2
Component Placement
Sense resistors should be placed as Close to the IC as possible. Route the high current path flowing from VBATT to BATTISNSN
as thick and as short as possible to reduce power losses.
8.3.3
General Routing Requirements
1. Some recommended things to keep in mind for manufacturability:
• Via in pads require a 4.5 mil Minimum annular ring. Pad must be 9.0 mils larger than the hole
• Max copper thickness for lines less than 5.0 mils wide is 0.6 oz copper
• Minimum allowed spacing between line and hole pad is 3.5 mils
• Minimum allowed spacing between line and line is 3.0 mils
2. Care must be taken with SWxFB pins traces. These signals are susceptible to noise and must be routed far away from
power, clock, or high power signals, like the ones on the SWxIN, SWx, SWxLX, SWBSTIN, SWBST, and SWBSTLX pins.
3. Shield feedback traces of the switching regulators and keep them as short as possible (trace them on the bottom so the
ground and power planes shield these traces).
4. Sense pins must be directly connected to the 0.02 Ohm sense resistor R1 (BATTISNSN and BATTISNSP).
5. Avoid coupling trace between important signal/low noise supplies (like VREFCORE, VCORE, VCOREDIG) from any
switching node (i.e. SW1ALXx, SW2LXx, SW3LXx, SW4ALX, SW4BLX, SW5LXx and SWBSTLXx).
6. Make sure that all components related to an specific block are referenced to the corresponding ground, e.g. all
components related to the SW1 converter must referenced to GNDSW1A1 and GNDSW1A2.
8.3.4
Parallel Routing Requirements
1. SPI/I2C signal routing:
• CLK is the fastest signal of the system, so it must be given special care. Here are some tips for routing the communication
signals:
• To avoid contamination of these delicate signals by nearby high power or high frequency signals, it is a good practice to
shield them with ground planes placed on adjacent layers. Make sure the ground plane is uniform throughout the whole
signal trace length.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com