Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 149 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 149 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 145Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 146Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 147Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 148Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 149Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 150Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 151Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 152Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 153Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 159 page
background image
Analog Integrated Circuit Device Data
149
Freescale Semiconductor
MC34708
Typical Applications
Figure 39. Recommended Shielding for Critical Signals.
• These signals can be placed on an outer layer of the board to reduce their capacitance in respect to the ground plane.
• The crystal connected to the XTAL1 and XTAL2 pins must not have a ground plane directly below.
• The following are clock signals: CLK, CLK32K, CLK32KMCU, XTAL1, and XTAL2. These signals must not run parallel to
each other, or in the same routing layer. If it is necessary to run clock signals parallel to each other, or parallel to any other
signal, then follow a MAX PARALLEL rule as follows:
• Up to 1 inch parallel length – 25 mil minimum separation
• Up to 2 inch parallel length – 50 mil minimum separation
• Up to 3 inch parallel length – 100 mil minimum separation
• Up to 4 inch parallel length – 250 mil minimum separation
• Care must be taken with these signals not to contaminate analog signals, as they are high frequency signals.
Another good practice is to trace them perpendicularly on different layers, so there is a minimum area of
proximity between signals.
2. The traces BATTISNSN and BATTISNSP that go to the R1 resistor must run in parallel.
8.3.5
Differential Routing
1. DP and DM traces should be routed as 90 ohm differential signals.
2. DPLUS and DMINUS traces should be routed as 90 ohm differential signals.
8.3.6
Switching Regulator Layout Recommendations
1. Per design, the MC34708 is designed to operate with only 1 input bulk capacitor. However, it is recommended to add a
high frequency filter input capacitor (CIN_hf), to filter out any noise at the regulator input. This capacitor should be in the
range of 100 nF and should be placed right next to or under the IC, closest to the IC pins.
2. Make high-current ripple traces low inductance (short, high W/L ratio).
3. Make high-current traces wide or copper islands.
4. Make high-current traces SYMETRICAL for dual–phase regulators (SW1, SW4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com