Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 151 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 151 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 147Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 148Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 149Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 150Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 151Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 152Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 153Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 154Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 155Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 159 page
background image
Analog Integrated Circuit Device Data
151
Freescale Semiconductor
MC34708
Typical Applications
8.4
Thermal Considerations
8.4.1
Rating Data
The thermal rating data of the packages has been simulated with the results listed in Table 5.
Junction to Ambient Thermal Resistance Nomenclature: the JEDEC specification reserves the symbol RθJA or θJA (Theta-JA)
strictly for junction-to-ambient thermal resistance on a 1s test board in natural convection environment. RθJMA or θJMA (Theta-
JMA) will be used for both junction-to-ambient on a 2s2p test board in natural convection and for junction-to-ambient with forced
convection on both 1s and 2s2p test boards. It is anticipated that the generic name, Theta-JA, will continue to be commonly used.
The JEDEC standards can be consulted at http://www.jedec.org/
8.4.2
Estimation of Junction Temperature
An estimation of the chip junction temperature TJ can be obtained from the equation
TJ = TA + (RθJA x PD)
with
TA = Ambient temperature for the package in °C
RJA = Junction to ambient thermal resistance in °C/W
PD = Power dissipation in the package in W
The junction to ambient thermal resistance is an industry standard value that provides a quick and easy estimation of thermal
performance. Unfortunately, there are two values in common usage: the value determined on a single layer board RθJA and the
value obtained on a four layer board RθJMA. Actual application PCBs show a performance close to the simulated four layer board
value although this may be somewhat degraded in case of significant power dissipated by other components placed close to the
device.
At a known board temperature, the junction temperature TJ is estimated using the following equation
TJ = TB + (RθJB x PD) with
TB = Board temperature at the package perimeter in °C
RθJB = Junction to board thermal resistance in °C/W
PD = Power dissipation in the package in W
When the heat loss from the package case to the air can be ignored, acceptable predictions of junction temperature can be made.
See Thermal Characteristics for more details on thermal management.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com