Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 152 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 152 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 148Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 149Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 150Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 151Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 152Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 153Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 154Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 155Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 156Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
152
MC34708
Package Mechanical Dimensions
9
Package Mechanical Dimensions
The MC34708 is offered in two pin compatible 206 pin MAPBGA packages, an 8.0x8.0 mm, 0.5 mm pitch package, and a
13x13 mm, 0.8 mm pitch package.
Package dimensions are provided in package drawings. To find the most current package outline drawing, go to
www.freescale.com and perform a keyword search for the drawing’s document number.
Dimensions shown are provided for reference ONLY (For Layout and Design, refer to the Package Outline Drawing listed in the
following figures).
Table 162. Package Drawing Information
Package
Suffix
Package Outline Drawing Number
206-pin MAPBGA (8 x 8), 0.5 mm
VK
98ASA00312D
206-pin MAPBGA (13 x 13), 0.8 mm
VM
98ASA00299D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com