Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 147 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 147 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 143Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 144Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 145Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 146Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 147Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 148Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 149Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 150Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 151Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 159 page
background image
Analog Integrated Circuit Device Data
147
Freescale Semiconductor
MC34708
Typical Applications
49
1
D14
Diode BAS3010-03LRH
Infineon
SW5LX diode
VPLL
50
1
C30
2.2
F
VPLL
VREFDDR
51
1
C57
100 nF
VHALF 0.1 uF caps
52
1
C28
1.0
F
VREFDDR
VDAC
53
1
Q3
PNP Transistor
• NSS12100UW3
• 2SB1733
On Semi
Rohm
VDAC PNP
54
1
C36
2.2
F
VVDAC
VUSB2
55
1
Q1
PNP transistor
• NSS12100UW3
• 2SB1733
On Semi
Rohm
VUSB2 PNP
56
1
C29
2.2
F
VUSB2
VUSB
57
1
C47
2.2
F
VUSB
VGEN1
58
1
C38
4.7
F
VGEN1
VGEN2
59
1
Q5
PNP Transistor
• NSS12100UW3
• 2SB1733
On Semi
Rohm
VGEN2 PNP
60
1
C41
2.2
F
VGEN2
WORKAROUNDS
61
1
U2
1.5 V LDO
• NCP4682
• NCP4685
On Semi
1.5 V LDO for workaround. See erratum #23 on ER34708
62
1
D15
Schottky diode
Low voltage Schottky diode
63
1
C58
100 nF
LDO input capacitor
1
C59
100 nF
LDO output capacitor
Notes
81.
Freescale does not assume liability, endorse, or warrant components from external manufacturers that are referenced in circuit
drawings or tables. While Freescale offers component recommendations in this configuration, it is the customer’s responsibility to
validate their application.
Table 161. MC34708 Bill of Material (81)
Item
Quantity
Component
Description
Vendor
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com