Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 158 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 158 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 151Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 152Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 153Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 154Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 155Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 156Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 157Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 158Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 159Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 158 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
158
MC34708
Revision History
11
Revision History
.
REVISION
DATE
DESCRIPTION OF CHANGES
6.0
7/2011
• Initial release
7.0
10/2011
• Corrected the two pins SW2PWGD and SDWNB, and associated drawings.
• Changed LED Driver Electrical Specifications, VPLL Matching from 3.0 to 4.0%
• Changed VPLL Electrical Specification, tON-VPLL from 100 to 120 s
• Changed SWBST Electrical Specifications, ILEAK_SWBST from 5.0 to 6.0 A
• Added Max limit to Charger Input Current Limit (Using the USB input).
• Added note (58) to VREFDDR
• Changed RUSB ON value to 5.0 typ, 8.0 max
• Set MIC bias to 1.5 V, and changed ON resistance values to 75 typ and 150 max.
• Added Efficiency values for all Buck Converter
• Added diodes to the LX pin on SW1, SW2, SW3, SW4A, SW4B, and SW5.
• Updated schematics to reflect the LX pin diodes on SW1, SW2, SW3, SW4A, SW4B, and SW5, and
removed the 10
F VBUSVIN input capacitor.
8.0
7/2012
• Removed charger and coulomb counter functionality throughout the document. Section 7.6
removed.
• Updated Figure 1, Figure 2, Figure 3, Figure 4 , Figure 38, Figure 20, Figure 26, Figure 28,
Figure 30, Figure 31, Figure 40.
• Update Table 3
• Pin function changed to “O” on pins VCORE, VCOREDIG, VALWAYS, VCOREREF,
VDDLP, and TSREF.
• Pin function to “I” on pins ADIN11, TSX1/ADIN12, TSX2/ADIN13, TSY1/ADIN14 and
TSY2/ADIN15
• Description for unsupported charger and coulomb counter pins modified.
• Clarified ICTEST description
• Update Table 4 with maximum pin rating for all blocks.
• Added Table 7 “Die Temp Debounce Settings”
• Updated thermal monitor operation in section 5.2.1
• Removed PRETMR, ITRICKLE, VSRT and ADC specifications in Table 9.
• Changed typ current spec for ON Standby (LPM) from 260 uA to 340uA, changed ON Standby
Digital Core from 370uA to 480uA and removed all charger conditions in Table 10.
• Updated section 6.1 feature list
• Renamed all instances of APSKIP to APS.
• Updated Table 15: VSRTC quiescent current to 1.7uA @1.2V setting and 2.7uA @ 1.3V
setting.
• GLBRSTTMR[1:0], value “00” changed to Invalid option in Table 24.
• Removed interrupt, mask and sense bit related to charger and coulomb counter in Table 21.
• Changed debounce time for THERMxxx interrupts.
• Updated SW4A/B operation and removed 3.3V setting from SW4A/B in section 7.5.4.6
• Removed AUX attach in section 7.5.3.4
• Replaced “Under Voltage Detection” event in section 7.5.3.5 with “BP lower than VBAT_TRKL”
event.
• Changed UVDET threshold to 3.1V (rising)/ 2.65V (falling) in Table 27
• Added PWMPS mode description on Table 31
• Changed quiescent currents for all switching regulators ISWxQ in PWMPS and APS modes.
• LDO Short Circuit Protection feature no longer supported.
• Changed ADC channels 4 and 7 to “Reserved”
• Added Figure 19
• Removed VBATTREMTH specification from Table 77
• Added section 7.8.3
• Removed charger support from section 7.8.4
• Removed IVBUS quiescent current specification for dedicated charger condition in Table 97
• Updated components to BOM in section 8.2
• Updated SPI register map
• Replaced Figures 42-45 with Table 104 SPI/I2C Register Map
• Updated Table 101 and Table 104 to match removed functionality
• Updated Table 105 through Table 158 to match removed functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com