Electronic Components Datasheet Search
  English  ▼

X  

INA128-HT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA128-HT
Description  PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA128-HT Datasheet(HTML) 2 Page - Texas Instruments

  INA128-HT Datasheet HTML 1Page - Texas Instruments INA128-HT Datasheet HTML 2Page - Texas Instruments INA128-HT Datasheet HTML 3Page - Texas Instruments INA128-HT Datasheet HTML 4Page - Texas Instruments INA128-HT Datasheet HTML 5Page - Texas Instruments INA128-HT Datasheet HTML 6Page - Texas Instruments INA128-HT Datasheet HTML 7Page - Texas Instruments INA128-HT Datasheet HTML 8Page - Texas Instruments INA128-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
a
b
c
d
Origin
A
1
A
2
A
3
40 kW
40 kW
40 kW
40 kW
V
IN
2
1
8
3
6
5
V
IN
R
G
V+
V-
Ref
V
O
G = 1 +
49.4 kW
R
G
+
4
7
INA128, INA129
Over-Voltage
Protection
Over-Voltage
Protection
-
25 kW
(1)
25 kW
(1)
NOTE: (1) INA129: 24.7 kW
G = 1 +
50 kW
R
G
INA128:
INA129:
INA128-HT, INA129-HT
SBOS501D – JANUARY 2010 – REVISED JUNE 2012
www.ti.com
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
HKJ
INA129SHKJ
INA129SHKJ
HKQ
INA129SHKQ
INA129SHKQ
–55°C to 210°C
KGD
INA129SKGD1
NA
JD
INA129SJD
INA129SJD
–55°C to 175°C
D
INA128HD
128HD
BARE DIE INFORMATION
BACKSIDE
BOND PAD
DIE THICKNESS
BACKSIDE FINISH
POTENTIAL
METALLIZATION COMPOSITION
15 mils
Silicon with backgrind
GND
Al-Si-Cu (0.5%)
2
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): INA128-HT INA129-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com