Electronic Components Datasheet Search
  English  ▼

X  

INA128-HT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA128-HT
Description  PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA128-HT Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA128-HT Datasheet HTML 4Page - Texas Instruments INA128-HT Datasheet HTML 5Page - Texas Instruments INA128-HT Datasheet HTML 6Page - Texas Instruments INA128-HT Datasheet HTML 7Page - Texas Instruments INA128-HT Datasheet HTML 8Page - Texas Instruments INA128-HT Datasheet HTML 9Page - Texas Instruments INA128-HT Datasheet HTML 10Page - Texas Instruments INA128-HT Datasheet HTML 11Page - Texas Instruments INA128-HT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
INA128-HT, INA129-HT
SBOS501D – JANUARY 2010 – REVISED JUNE 2012
www.ti.com
ELECTRICAL CHARACTERISTICS FOR INA129 (continued)
over operating free-air temperature range (unless otherwise noted)
TA = –55°C to 125°C
TA = 210°C
(1)
TEST
PARAMETER
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
GAIN
1 +
1 +
Gain equation
V/V
(49.4 k
Ω/RG)
(49.4 k
Ω/RG)
Range of gain
1
10000
1
10000
V/V
G = 1
±0.01
±0.1
±1.1
G = 10
±0.02
±0.5
±2.6
Gain error
%
G = 100
±0.05
±0.7
±13.5
G = 1000
±0.5
±2.5
±65.5
Gain vs temperature(3)
G = 1
±1
±10
±100
ppm/°C
49.4-k
Ω resistance(3)(4)
±25
±100
±100
ppm/°C
VO = ±13.6 V,
±0.0001
±0.001
±0.1
G = 1
% of
G = 10
±0.0003
±0.002
±0.2
Nonlinearity
FSR
G = 100
±0.0005
±0.002
±0.7
G = 1000
±0.001
See (5)
±2.4
See (5)
OUTPUT
Positive
RL = 10kΩ
(V+)
− 1.4
(V+)
− 0.9
(V+)
− 1.4
(V+)
− 0.9
Voltage
V
Negative
RL = 10kΩ
(V
−) + 1.4
(V
−) + 0.8
(V
−) + 1.4
(V
−) + 0.8
Load capacitance stability
1000
1000
pF
Short-curcuit current
+6/
−15
+12/
−5
mA
FREQUENCY RESPONSE
G = 1
1300
850
G = 10
700
400
Bandwidth,
−3 dB
kHz
G = 100
200
50
G = 1000
20
7.5
VO = ±10 V,
Slew rate
4
4
V/µs
G = 10
G = 1
7
10
G = 10
7
10
Settling time, 0.01%
µs
G = 100
9
30
G = 1000
80
150
Overload recovery
50% overdrive
4
4
µs
POWER SUPPLY
Voltage range
±2.25
±15
±18
±2.25
±15
±18
V
Current, total
VIN = 0 V
±0.7
±1
±2
mA
TEMPERATURE RANGE
Specification
−55
125
210
°C
Operating
−55
125
210
°C
(3)
Specified by wafer test.
(4)
Temperature coefficient of the 49.4-k
Ω term in the gain equation.
(5)
Nonlinearity measurements in G = 1000 are dominated by noise. Typical nonlinearity is ±0.001%.
8
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): INA128-HT INA129-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com