Electronic Components Datasheet Search
  English  ▼

X  

INA128-HT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA128-HT
Description  PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA128-HT Datasheet(HTML) 5 Page - Texas Instruments

  INA128-HT Datasheet HTML 1Page - Texas Instruments INA128-HT Datasheet HTML 2Page - Texas Instruments INA128-HT Datasheet HTML 3Page - Texas Instruments INA128-HT Datasheet HTML 4Page - Texas Instruments INA128-HT Datasheet HTML 5Page - Texas Instruments INA128-HT Datasheet HTML 6Page - Texas Instruments INA128-HT Datasheet HTML 7Page - Texas Instruments INA128-HT Datasheet HTML 8Page - Texas Instruments INA128-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
INA128-HT, INA129-HT
www.ti.com
SBOS501D – JANUARY 2010 – REVISED JUNE 2012
THERMAL CHARACTERISTICS FOR HKJ OR HKQ PACKAGE
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
to ceramic side of case
5.7
θJC
Junction-to-case thermal resistance
°C/W
to top of case lid (metal side of case)
13.7
ELECTRICAL CHARACTERISTICS FOR INA128
TA = 25°C, VS = ±15 V, RL = 10 kΩ (unless otherwise noted)
TA = –55°C to 125°C
TA = 175°C
(1)
TEST
PARAMETER
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
INPUT
OFFSET VOLTAGE, RTI
±25
±125
Initial
TA = 25°C
µV
±100/G
±1000/G
±0.2
±1
±3.5
vs temperature
TA = TMIN to TMAX
µV/°C
±5/G
±20/G
±80/G
VS = ±2.25 V to
±2
±5
vs power supply
µV/V
±18 V
±200/G
±500/G
Long-term stability
±1 ±3/G
±1 ±3/G
µV/mo
Impedance, differential
1010 || 2
1010 || 2
Ω || pF
Common mode
1011||9
1011||9
Ω || pF
Common mode voltage
VO = 0 V
(V+)
− 2
(V+)
− 1.4
(V+)
− 2
(V+)
− 1.4
V
range(2)
(V
−) + 2
(V
−) + 1.7
(V
−) + 2
(V
−) + 1.7
V
Safe input voltage
±40
±40
V
VCM = ±13 V,
ΔRS = 1 kΩ
G = 1
58
86
58
75
Common-mode rejection
G = 10
78
106
78
85
dB
G = 100
99
125
99
110
G = 1000
113
130
113
120
CURRENT
Bias current
±2
±10
±45
nA
vs temperature
±30
±550
pA/°C
Offset Current
±1
±10
±45
nA
vs temperature
±30
±550
pA/°C
NOISE
G = 1000,
Noise voltage, RTI
RS = 0 Ω
f = 10 Hz
10
10
nV/
√Hz
f = 100 Hz
8
8
nV/
√Hz
f = 1 kHz
8
8
nV/
√Hz
fB = 0.1 Hz to 10 Hz
0.2
0.8
µVPP
Noise current
f = 10 Hz
0.9
pA/
√Hz
f = 1 kHz
0.3
pA/
√Hz
fB = 0.1 Hz to 10 Hz
30
pAPP
(1)
Minimum and maximum parameters are characterized for operation at TA = 175°C, but may not be production tested at that
temperature. Production test limits with statistical guardbands are used to ensure high temperature performance.
(2)
Input common-mode range varies with output voltage — see typical curves.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): INA128-HT INA129-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com