Electronic Components Datasheet Search
  English  ▼

X  

INA128-HT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA128-HT
Description  PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA128-HT Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA128-HT Datasheet HTML 10Page - Texas Instruments INA128-HT Datasheet HTML 11Page - Texas Instruments INA128-HT Datasheet HTML 12Page - Texas Instruments INA128-HT Datasheet HTML 13Page - Texas Instruments INA128-HT Datasheet HTML 14Page - Texas Instruments INA128-HT Datasheet HTML 15Page - Texas Instruments INA128-HT Datasheet HTML 16Page - Texas Instruments INA128-HT Datasheet HTML 17Page - Texas Instruments INA128-HT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
1s/div
0.1 V/div
m
5V/div
G =1000
20 s/div
m
G =100
G = 10 0
20mV/div
G = 10 0 0
20 s/div
m
G = 1
5V/div
G = 10
5 s/div
m
Frequency (Hz)
100
1k
1
0.1
0.01
0.001
100k
V
O = 1 V r m s
G = 1
R
L = 100kW
G =100, R = 100k
L
W
500kHz Measurement
Bandwidth
Dashed Portion
is noise limited.
10k
G =1, R = 100k
L
W
R = 10k
L
W
G =10V/V
G = 1
20mV/div
G = 10
5 s/div
m
INA128-HT, INA129-HT
SBOS501D – JANUARY 2010 – REVISED JUNE 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C, VS = ±15 V, unless otherwise noted.
TOTAL HARMONIC DISTORTION + NOISE
vs
SMALL SIGNAL
FREQUENCY
(G = 1, 10)
Figure 18.
Figure 19.
SMALL SIGNAL
LARGE SIGNAL
(G = 100, 1000)
(G = 1, 10)
Figure 20.
Figure 21.
LARGE SIGNAL
VOLTAGE NOISE 0.1 Hz TO 10 Hz
(G = 100, 1000)
INPUT-REFERRED, G
≥ 100
Figure 22.
Figure 23.
14
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): INA128-HT INA129-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com