Electronic Components Datasheet Search
  English  ▼

X  

INA128-HT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA128-HT
Description  PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA128-HT Datasheet(HTML) 1 Page - Texas Instruments

  INA128-HT Datasheet HTML 1Page - Texas Instruments INA128-HT Datasheet HTML 2Page - Texas Instruments INA128-HT Datasheet HTML 3Page - Texas Instruments INA128-HT Datasheet HTML 4Page - Texas Instruments INA128-HT Datasheet HTML 5Page - Texas Instruments INA128-HT Datasheet HTML 6Page - Texas Instruments INA128-HT Datasheet HTML 7Page - Texas Instruments INA128-HT Datasheet HTML 8Page - Texas Instruments INA128-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
8
5
4
1
HKQ as formed or HKJ mounted dead bug
HKQ PACKAGE
(TOP VIEW)
R
G
V-
IN
V+
IN
V-
V+
V
O
Ref
R
G
R
V-
G
IN
V+
IN
V-
V+
V
O
Ref
1
2
3
4
8
7
6
5
R
G
D, JD OR HKJ PACKAGE
(TOP VIEW)
INA128-HT, INA129-HT
www.ti.com
SBOS501D – JANUARY 2010 – REVISED JUNE 2012
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
Check for Samples: INA128-HT, INA129-HT
1
FEATURES (1)
SUPPORTS EXTREME TEMPERATURE
APPLICATIONS
•
Low Offset Voltage
•
Controlled Baseline
•
Low Input Bias Current: 50 nA Typ
•
One Assembly/Test Site
•
High CMR: 95 dB Typ
•
One Fabrication Site
•
Inputs Protected to ±40 V
•
Available in Extreme (–55°C/210°C)
•
Wide Supply Range: ±2.25 V to ±18 V
Temperature Range (2)
•
Low Quiescent Current: 2 mA Typ
•
Extended Product Life Cycle
APPLICATIONS
•
Extended Product-Change Notification
•
Product Traceability
•
Bridge Amplifier
•
Texas Instruments' high temperature products
•
Thermocouple Amplifier
utilize highly optimized silicon (die) solutions
•
RTD Sensor Amplifier
with design and process enhancements to
•
Medical Instrumentation
maximize performance over extended
•
Data Acquisition
temperatures.
(1)
Typical values for 210°C application
(2)
Custom temperature ranges available
DESCRIPTION
The INA128 and INA129 are low power, general purpose instrumentation amplifiers offering excellent accuracy.
The versatile three operational amplifier design and small size make them ideal for a wide range of applications.
Current-feedback input circuitry provides wide bandwidth even at high gain.
A single external resistor sets any gain from 1 to 10,000. The INA128 provides an industry-standard gain
equation; the INA129 gain equation is compatible with the AD620.
The INA128/INA129 is laser trimmed for very low offset voltage (50
μV) and high common-mode rejection (93 dB
at G
≥ 100). It operates with power supplies as low as ±2.25 V, and quiescent current of 2 mA - typically. Internal
input protection can withstand up to ±40 V without damage.
The INA129 is available in 8-pin ceramic DIP and 8-pin ceramic surface-mount packages, specified for the –55°C
to 210°C temperature range. The INA128 is available in an 8-pin SO-8 surface-mount package, specified for the
–55°C to 175°C temperature range.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA128-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA128-HT TI2-INA128-HT Datasheet
1Mb / 33P
INA12x-HT Precision, Low-Power Instrumentation Amplifiers
REVISED FEBRUARY 2015
INA128-HT TI-INA128-HT_15 Datasheet
750Kb / 30P
INA12x-HT Precision, Low-Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
Precision, Low-Power Instrumentation Amplifiers
More results

Similar Description - INA128-HT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
Precision, Low Power INSTRUMENTATION AMPLIFIER
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129UA TI1-INA129UA Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
Precision, Low-Noise JFET Instrumentation Amplifiers
logo
Texas Instruments
INA128-HT TI-INA128-HT_15 Datasheet
750Kb / 30P
INA12x-HT Precision, Low-Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
Precision, Low-Power Instrumentation Amplifiers
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
Precision, Low Power Instrumentation Amplifiers
INA128 TI1-INA128_15 Datasheet
1Mb / 29P
INA12x Precision, Low Power Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com