Electronic Components Datasheet Search
  English  ▼

X  

INA128-HT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA128-HT
Description  PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA128-HT Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA128-HT Datasheet HTML 12Page - Texas Instruments INA128-HT Datasheet HTML 13Page - Texas Instruments INA128-HT Datasheet HTML 14Page - Texas Instruments INA128-HT Datasheet HTML 15Page - Texas Instruments INA128-HT Datasheet HTML 16Page - Texas Instruments INA128-HT Datasheet HTML 17Page - Texas Instruments INA128-HT Datasheet HTML 18Page - Texas Instruments INA128-HT Datasheet HTML 19Page - Texas Instruments INA128-HT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
10kW
OPA177
100W
100W
1/2 REF200
1/2 REF200
V+
R
G
INA129
Ref
V
O
V
IN
V
IN
+
10mV
±
Adjustment Range
V-
100 A
m
100 A
m
-
INA128-HT, INA129-HT
SBOS501D – JANUARY 2010 – REVISED JUNE 2012
www.ti.com
Dynamic Performance
Figure 2 shows that, despite its low quiescent current, the INA128/INA129 achieves wide bandwidth, even at
high gain. This is due to the current-feedback topology of the input stage circuitry. Settling time also remains
excellent at high gain.
Noise Performance
The INA128/INA129 provides very low noise in most applications. Low frequency noise is approximately 2
μVPP
measured from 0.1 Hz to 10 Hz (G
≥ 100). This provides dramatically improved noise when compared to state-
of-the-art chopper-stabilized amplifiers.
Offset Trimming
The INA128/INA129 is laser trimmed for low offset voltage and offset voltage drift. Most applications require no
external offset adjustment. Figure 25 shows an optional circuit for trimming the output offset voltage. The voltage
applied to Ref terminal is summed with the output. The operational amplifier buffer provides low impedance at
the Ref terminal to preserve good common-mode rejection.
(1)
OPA177 and REF200 are not tested or characterized at 210°C.
Figure 25. Optional Trimming of Output Offset Voltage
Input Bias Current Return Path
The input impedance of the INA128/INA129 is extremely high (approximately 1010
Ω). However, a path must be
provided for the input bias current of both inputs. This input bias current is approximately ±50 nA. High input
impedance means that this input bias current changes very little with varying input voltage.
Input circuitry must provide a path for this input bias current for proper operation. Figure 26 shows various
provisions for an input bias current path. Without a bias current path, the inputs will float to a potential which
exceeds the common-mode range, and the input amplifiers will saturate.
If the differential source resistance is low, the bias current return path can be connected to one input (see the
thermocouple example in Figure 26). With higher source impedance, using two equal resistors provides a
balanced input with possible advantages of lower input offset voltage due to bias current and better high-
frequency common-mode rejection.
16
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): INA128-HT INA129-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com