Electronic Components Datasheet Search
  English  ▼

X  

INA128-HT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA128-HT
Description  PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA128-HT Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA128-HT Datasheet HTML 6Page - Texas Instruments INA128-HT Datasheet HTML 7Page - Texas Instruments INA128-HT Datasheet HTML 8Page - Texas Instruments INA128-HT Datasheet HTML 9Page - Texas Instruments INA128-HT Datasheet HTML 10Page - Texas Instruments INA128-HT Datasheet HTML 11Page - Texas Instruments INA128-HT Datasheet HTML 12Page - Texas Instruments INA128-HT Datasheet HTML 13Page - Texas Instruments INA128-HT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Frequency (Hz)
140
120
100
80
60
40
20
0
10
G =100V/V
G =1000V/V
G=1V/V
G= 10V/V
100k
100
1k
10k
1M
Frequency (Hz)
140
120
100
80
60
40
20
0
10
G =100V/V
G = 1000V/V
G=1V/V
G=10V/V
−
60
50
40
30
20
10
0
10
20
Frequency (Hz)
1k
G = 100V/V
G = 10V/V
G = 1V/V
G = 1000V/V
−
10k
100k
1M
10M
Frequency (Hz)
10
140
120
100
80
60
40
20
0
100k
G =1V/V
G =10V/V
G =100V/V
G =1000V/V
100
1k
10k
1M
INA128-HT, INA129-HT
SBOS501D – JANUARY 2010 – REVISED JUNE 2012
www.ti.com
TYPICAL CHARACTERISTICS
At TA = 25°C, VS = ±15 V, unless otherwise noted.
GAIN
COMMON-MODE REJECTION
vs
vs
FREQUENCY
FREQUENCY
Figure 2.
Figure 3.
POSITIVE POWER SUPPLY REJECTION
NEGATIVE POWER SUPPLY REJECTION
vs
vs
FREQUENCY
FREQUENCY
Figure 4.
Figure 5.
10
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): INA128-HT INA129-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com