Electronic Components Datasheet Search
  English  ▼

X  

GF710 Datasheet(PDF) 48 Page - Cooper Bussmann, Inc.

Part # GF710
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GF710 Datasheet(HTML) 48 Page - Cooper Bussmann, Inc.

Back Button GF710 Datasheet HTML 44Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 45Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 46Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 47Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 48Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 49Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 50Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 51Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 52Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
Ultra Fast Fuses and Holders
Cylindrical Fuses and Holders
Specifications
Description:
Ultra Fast cylindrical fuses. Standard ranges
without fuses actuation indicator and ranges with fuse blown
indicator. Modular fuse holders (type CH) for sizes 10x38,
14x51 and 22x58, with light display and ancillary elements.
Fuse holders for size 22x58.
Ratings:
Applications:
Protection of semi-conductors, UPS (ASI),
rectifiers, static relays, converters.
Standards and Approvals:
Conform to standards IEC
60269, UL Recognition, CSA Component Acceptance
(consult us).
Dimensions:
Variety of fuse sizes: from 6x32, 25x146
Volts: - 150 - 2000V ac / 150 to 1000V dc
Amps: - 1 - 100A
IR - 25 to 200kA RMS Sym
Square Body Fuses and Holders
Specifications
Description:
Ultra Fast square-body fuses, in versions with
visual indicator and striker for use with auxiliary micro-
switch. Fuses in formats DIN 43620, DIN 43653 (DIN 110
and DIN 80), French standard, North American standard.
Fuse bases to DIN 43620 and 43653.
Ratings:
Applications:
Protection of semidconductors, UPS (ASI),
rectifiers, static relays, converters.
Standards and Approvals:
Conform to standards IEC
60269-4, UL Recognition, CSA Component Acceptance
(consult us).
Dimensions:
Sizes 000, 00, 0, 1*, 1, 2, 3, 4, 5
Volts: - 690 to 3000V ac
Amps: - 10 to 700A
IR - 300kA RMS Sym
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com