Electronic Components Datasheet Search
  English  ▼

X  

GF710 Datasheet(PDF) 35 Page - Cooper Bussmann, Inc.

Part # GF710
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GF710 Datasheet(HTML) 35 Page - Cooper Bussmann, Inc.

Back Button GF710 Datasheet HTML 31Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 32Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 33Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 34Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 35Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 36Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 37Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 38Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 39Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
NH Fuse Holders for Knife Fuses
SB-D, SB-S, SB-DMS
690V / 160 - 1600A
Sizes 00, 0, 1, 2, 3, 4
Specifications
Description:
Knife fuses, NH, thermoplastic bodies for
knife fuses. Securing to DIN rail and by screws (size 4 screw
fixation only). Range of protection accesories for live parts in
order to obtain IP20 protection standard. Available with
micro- switch contact for use with fuses with striker (see
page 30).
Ratings:
Applications:
Protection of industrial circuits and electrical
apparatus
Standards and Approvals:
IEC 60269, VDE 0636, DIN
43620
Dimensions
Volts: - up to 690V ac
Amps: - 2 - 1600A
Catalogue Numbers
Size
Poles
Current
(A)
Part References
With
micro-
switch
contact
UP*
Screw
connection
DIN Rail
connection
00
1
3
160A
SB00-S
TB00-S
SB00-D
TB00-D
TB00-D-IP20
3
1
1
0
1
3
160A
SB0-S
TB0-S
SB0-D
TB0-D
SB0-DMS
3
1
1
1
3
250A
SB1-S
TB1-S
SB1-D
TB1-D
SB1-DMS
3
1
2
1
3
400A
SB2-S
TB2-S
SB2-D
TB2-D
SB2-DMS
3
1
3
1
3
630A
SB3-S
TB3-S
SB3-D
TB3-D
SB3-DMS
3
1
4
1
1600A
SB4-S
SB4-DMS
3
Neutral
Size
Current
(A)
Part Ref
Unit
Packing
NH00
160
SL00
3
NH0
160
SL0
NH1
250
SL1
NH2
400
SL2
NH3
630
SL3
NH4
1000
SL4
Size
Part Ref
Unit
Packing
C00-3
FEH
1
Fuse extraction handle
Protection accessories
Size
Current
(A)
Separation Partition
4
Fuse Cover
5
Terminal Cover
1
Separator
3
Part
Ref
Unit
Packing
Part
Ref
Unit
Packing
Part
Ref
Unit
Packing
Part
Ref
Unit
Packing
NH00
NH0
NH1
NH2
NH3
NH4
160A
160A
250A
400A
630A
1250A
SP00
SP0
SP1-2
SP1-2
SP3
SP4
2
2
2
2
2
2
FC00
FC0
FC1
FC2
FC3
3
3
3
3
3
CS00
CS0
CS1
CS2
CS3
6
6
6
6
6
BC00
BC0
BC1-2
BC1-2
BC3
2
2
2
2
2
36
IP Protection Kits
TB00-D-IP20
Complete triple pole fuse base IP20 rated
FPK0-3P
IP20 kit for TB0-D fuse base
FPK1-3P
IP20 kit for TB1-D fuse base
FPK2-3P
IP20 kit for TB2-D fuse base
FP3K-3P
IP20 kit for TB3-D fuse base



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com