Electronic Components Datasheet Search
  English  ▼

X  

GF710 Datasheet(PDF) 8 Page - Cooper Bussmann, Inc.

Part # GF710
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GF710 Datasheet(HTML) 8 Page - Cooper Bussmann, Inc.

Back Button GF710 Datasheet HTML 4Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 5Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 6Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 7Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 8Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 9Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 10Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 11Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 12Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
Centre Bolted Tags (Cont.../...)
415 - 550Vac / 125 - 1250A
250 - 400Vdc
Specifications
Description:
Fuse Links for general industrial applications
with Q1 fusing factor - general purpose (gG) and motor
protection (gM) characteristics
Applications:
General Industrial & Motors applications
EFS / EF / FF / GF
415V ac / 125 - 800A
550V ac (Types EF - gM, FF, FG, GF)
250V dc (Type GF)
Industrial & Motor Applications to BS88
Ratings:
Agency information:
Meets BS88: Part 1 & 2 (1988),
IEC 269: Parts 1 (1986)
RoHS Compliant
FG / GG / GH
550V ac / 450 - 1250A
250V dc (Type GG 710-800A only)
400V dc (Type FG)
Catalogue Numbers
Dimensions
Catalogue Numbers
Dimensions
Type
Rating
(A)
Catalogue
Number
Class
Ref
BS
Fixing
Centres mm
Unit
Packing
Interrupting
Rating
EFS
125
EFS125
gG
N/A
133
1
80kA @
415 Vac
160
EFS160
200
EFS200
250
EFS250
315
EFS315
133/184
EF
355
EF355
gG
C1
133/184
1
80kA @
415 Vac
400
EF400
400M500 EF400M500
gM
FF
450
FF400
gG
C2
133/184
1
80kA @
415 Vac
40kA @
400Vdc
500
FF500
560
FF560
630
FF630
GF
710
GF710
gG
C3
133/184
1
80kA @
550Vac
40kA @
250Vdc
800
GF800
1000
GF1000
1250
GF1250
Part No
Dimensions (mm)
A
B
C
D
E
F
G
H
J
EFS315
209
184 50.0
10.5
12.5
25.4 133
38.0
4.7
EF355 & 400
EF400M500 210
184 75.0
15.5
59.0
FF
210
184 77.5 10.5 15.5 25.4 133 74.0
6.4
FG
262
231 77.5 10.5 15.5 38.0 167
74
6.4
GF
210
184 80.5 10.5 15.5 25.4 133 83.0
9.5
Type
Rating
(A)
Catalogue
Number
Class
Fixing
Centres mm
Unit
Packing
Interrupting
Rating
FG
450
FG450
gG
167/231
1
80kA @ 550Vac
40ka @ 400vdc
500
FG500
560
FG560
630
FG630
GG
710
GG710
gG
165/231
1
80kA @ 550Vdc
40kA @ 250Vdc
800
GG800
1000
GG1000
165/228.5
80kA @ 550Vdc
No DC Rating
1250
GG1250
GH
710
GH710
gG
149
1
80kA @ 550Vac
800
GH800
1000
GH1000
1250
GH1250
Part No
Dimensions (mm)
A
B
C
D
E
F
G
H
J
FG
262
231 77.5 10.5 15.5 38.0 167
74
6.4
GF
210
184 80.5 10.5 15.5 25.4 133 83.0
9.5
GG710 & 800
262
231 77.5
10.5 15.5 38.0 165
83.0
6.4
GG1000 & 1250
228.5 84.0
100 12.7
Part No
Dimensions (mm)
A
B
C
D
E
F
G
H
J
GH710 & 800
198 149 81.0 32.0 63.5 19.0 14.0 9.5
83.0
GH1000 & 1250
100
Volts:
-
415 - 550V ac / 250V dc
Amps:
-
2 - 1250A
IR
-
40kA @ 250V dc GF, GG except 1000 & 1250A
-
40kA @ 400V dc FG, FF
-
80kA @ 415/550V ac
Data Sheets: EFS: 4121 / EF: 4120 / FF: 4102 / GF: 4103
Data Sheets: FG: 4122 / GG: 4104 / GH: 4108
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com