Electronic Components Datasheet Search
  English  ▼

X  

GF710 Datasheet(PDF) 30 Page - Cooper Bussmann, Inc.

Part # GF710
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GF710 Datasheet(HTML) 30 Page - Cooper Bussmann, Inc.

Back Button GF710 Datasheet HTML 26Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 27Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 28Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 29Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 30Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 31Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 32Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 33Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 34Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
Class gG
690V / 2 - 630A
Sizes 000, 00, 0, 1, 2, 3
Specifications
Description:
NH Fuses for gG range
industrial protection (general
protection). Double indicator system for fuse
operation (in the body and in the side plate). Version with
voltage free metal gripping lugs for insulated fuses. The
components used in manufacture are lead and cadmium
free. Fuses subject to HRC recycling commitment.
Ratings:
Applications:
Protection of electrical distribution circuits,
cables and electrical appliances (with the exception of
motors).
Standards and Approvals:
Conform to standards EN IEC
60269, VDE 0636, DIN 43620.
Dimensions:
see page 35
NH Fuses - Dual Indicator
Size
Rated
Current
(A)
gG - gL
Dual Indicator
Unit
Packing
voltage conducting
gripping lugs
voltage free metal
gripping lugs
000
2
2NHG000B-690
2NHG000BI-690
3
4
4NHG000B-690
4NHG000BI-690
6
6NHG000B-690
6NHG000BI-690
10
10NHG000B-690
10NHG000BI-690
16
16NHG000B-690
16NHG000BI-690
20
20NHG000B-690
20NHG000BI-690
25
25NHG000B-690
25NHG000BI-690
32
32NHG000B-690
32NHG000BI-690
35**
35NHG000B-690
35NHG000BI-690
40
40NHG000B-690
40NHG000BI-690
00
50
50NHG00B-690
50NHG00BI-690
3
63
63NHG00B-690
63NHG00BI-690
80
80NHG00B-690
80NHG00BI-690
100
100NHG00B-690
100NHG00BI-690
0
6
6NHG0B-690
-
3
10
10NHG0B-690
-
16
16NHG0B-690
-
20
20NHG0B-690
-
25
25NHG0B-690
-
32
32NHG0B-690
-
35
35NHG0B-690
-
40
40NHG0B-690
-
50
50NHG0B-690
-
63
63NHG0B-690
-
80
80NHG0B-690
-
100
100NHG0B-690
-
1
50
50NHG1B-690
50NHG1BI-690
3
63
63NHG1B-690
63NHG1BI-690
80
80NHG1B-690
80NHG1BI-690
100
100NHG1B-690
100NHG1BI-690
125
125NHG1B-690
125NHG1BI-690
160
160NHG1B-690
160NHG1BI-690
200
200NHG1B-690
200NHG1BI-690
2
63
63NHG2B-690
63NHG2BI-690
3
80
80NHG2B-690
80NHG2BI-690
100
100NHG2B-690
100NHG2BI-690
125
125NHG2B-690
125NHG2BI-690
160
160NHG2B-690
160NHG2BI-690
200
200NHG2B-690
200NHG2BI-690
224
224NHG2B-690
224NHG2BI-690
250
250NHG2B-690
250NHG2BI-690
315
315NHG2B-690
315NHG2BI-690
3
250
250NHG3B-690
250NHG3BI-690*
3
315
315NHG3B-690
315NHG3BI-690*
355
355NHG3B-690
355NHG3BI-690*
400
400NHG3B-690
400NHG3BI-690*
500
500NHG3B-690
500NHG3BI-690*
630
-
-
Catalogue Numbers
* Contact Cooper Bussmann for availibility
** Interrupting Rating for the 35 A size 000 is 80kA
31
Volts: - 690V ac
Amps: - 2 - 630A
IR - 120kA - 690V ac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com