Electronic Components Datasheet Search
  English  ▼

X  

GF710 Datasheet(PDF) 39 Page - Cooper Bussmann, Inc.

Part # GF710
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GF710 Datasheet(HTML) 39 Page - Cooper Bussmann, Inc.

Back Button GF710 Datasheet HTML 35Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 36Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 37Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 38Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 39Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 40Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 41Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 42Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 43Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
NH Fuse Switch Disconnectors
Vertical Style
BFD
690V / 250 - 630A
Sizes 1, 2, 3A
Specifications
Description:
Vertical Fuse Switch
disconnectors are designed to be used with NH Fuses.
Enabling safe connection and disconnection operations.
Main features are:
- Measuring holes in the fuse cover
- Possibility to lock the fuse cover
- Label for protected circuit identification
- Busbar mounting with screws.
Ratings:
Applications:
Distribution and Industrial switchboards with
busbar spacing of 185mm
Approvals:
CE, IEC EN 60947-1, IEC EN 60947-3
Dimensions:
Catalogue Numbers
Volts: - 690V ac
Amps: - 250 - 630A
Utilization
category
- 400V ac - AC23B
- 690V ac - AC22B
Size
Rating
(A)
Part Reference
Terminals
UP*
1 Pole
Switching
3 Poles
Switching
1
250
BFD1-31/LM BFD1-33/LM
Pressed-in Nuts with M10
Screw
1
BFD1-31/LW BFD1-33/LW
V-shaped Clamps
1
BFD1-31/LL
BFD1-33/LL
Switch Disconnector for
Busbar Systems
185mm Busbar Spacing
Connects to Busbar with
M12 bolts
1
2
400
BFD2-31/LM BFD2-33/LW
Pressed-in Nuts with M10
Screw
1
BFD2-31/LW BFD2-33/LW
V-Shaped Clamps
1
BFD2-31/LL
BFD2-33/LL
Switch Disconnector for
Busbar Systems
185mm Busbar Spacing
Connects to Busbar with
M12 bolts
1
3
630
BFD3-31/LM BFD3-33/LM
Pressed-in Nuts with M12
Screw
1
BFD3-31/LW BFD3-33/LW
V-Shaped Clamps
1
BFD3-31/LL
BFD3-33/LL
Switch Disconnector for
Busbar Systems
185mm Busbar Spacing
Connects to Busbar with
M12 bolts
1
* UP = Unit Packing
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com