Electronic Components Datasheet Search
  English  ▼

X  

GF710 Datasheet(PDF) 44 Page - Cooper Bussmann, Inc.

Part # GF710
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GF710 Datasheet(HTML) 44 Page - Cooper Bussmann, Inc.

Back Button GF710 Datasheet HTML 40Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 41Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 42Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 43Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 44Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 45Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 46Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 47Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 48Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
D Fuseholders
SFD, TFD, SFRD C , TFR
500V / 25 - 63A
Sizes: DII, DIII
Specifications
Description:
D fuse carriers in ceramic bodies with
versions for securing to DIN rail or screw connection.
Complete range of accessories.
Ratings:
Applications:
Protection of industrial circuits and electrical
apparaturs.
Standards and Approvals:
IEC 60269, VDE 0636,
Dimensions
Volts: - 500V ac
Amps: - 25 - 63A
Catalogue Numbers
Size
Current
(A)
Part Ref
Screw Connection
Part Ref
DIN Rail Connection
Unit Packing
Single
Pole
Three Pole Single Pole Three Pole
DI
DIII
25A
63A
SFD27
SFD33
TFD27
TFD33
SFRD27
SFRD33
TFRD27
TFRD33
15/4 (Three Terminal)
15/6 (Three Terminal)
Accessories
Accessories
Size
Current
(A)
Fuse Base
Type
References
Unit
Packing
Fuse Carrier
DII
DIII
25A
63A
E27
E33
CD27
CD33
50
30
Gauge/
Calibration
Ring
DII
2
4
6
10
16
20
25
E27
2GD27
4GD27
6GD27
10GD27
16GD27
20GD27
25GD27
50
DIII
35
50
63
E33
35GD33
50GD33
63GD33
Covers
DII 1 pole
DIII 1 pole
DII 3 pole
DIII 3 pole
25
63
25
63
E27
E33
E27
E33
SFPRD27
SFPRD27
TFPCD27
TFPCD33
50
30
Size
A
B
C
D
E
F
DII
41
39
44
47
60
62
DIII
43
47
44
47
56
79
Size
A
B
C
D
E
F
G
H
DII
41
121
44
47
60
30
4.3
50
DIII
43
148
44
47
56
32
4.3
62
Size
A
B
C
D
DII
E
44
12
34
DIII
E
44
12
43
1 Pole
A
B
C
D
DII
40
24
10.8
80
DIII
49
21
9
80
3 Pole
A
B
C
D
DII
121
24
10.8
80
DIII
148
21
9
80
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com