Electronic Components Datasheet Search
  English  ▼

X  

GF710 Datasheet(PDF) 33 Page - Cooper Bussmann, Inc.

Part # GF710
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GF710 Datasheet(HTML) 33 Page - Cooper Bussmann, Inc.

Back Button GF710 Datasheet HTML 29Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 30Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 31Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 32Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 33Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 34Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 35Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 36Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 37Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
NH Fuses with Striker
Class gG - aM
500 - 690V / 63 -1250A
Sizes 1, 2, 3, 4
Specifications
Description:
NH Fuses for
industrial applications class gG and
aM with integrated side striker for
visual or remote indication of the fuse status. To be used
with NH fuse holders fitted with micro-switch.
Ratings:
Applications:
Protection of electrical distribution
circuits (Class gG) and motor protection (Class aM)
Standards and Approvals:
Conform to standards EN IEC
60269, VDE 0636, DIN 43620.
Size
Rated
Current
(A)
gG
aM
Pack
Qty
Voltage
conducting metal
gripping lugs
Voltage
conducting metal
gripping lugs
1
63
63NHG1BS-690*
63NHM1BS-690*
3
80
80NHG1BS-690*
80NHM1BS-690*
100
100NHG1BS-690*
100NHM1BS-690*
125
125NHG1BS-690*
125NHM1BS-690*
160
160NHG1BS-690*
160NHM1BS-690*
200
200NHG1BS-690*
200NHM1BS-690*
224
-
224NHM1BS-690*
250
-
250NHM1BS-690*
2
125
125NHG2BS-690*
125NHM2BS-690*
3
160
160NHG2BS-690*
160NHM2BS-690*
200
200NHG2BS-690*
200NHM2BS-690*
224
224NHG2BS-690*
224NHM2BS-690*
250
250NHG2BS-690*
250NHM2BS-690*
315
315NHG2BS-690*
315NHM2BS-690*
355
-
355NHM2BS-690*
400
-
400NHM2BS-690*
3
315
315NHG3BS-690*
-
3
355
355NHG3BS-690*
-
400
400NHG3BS-690*
400NHM3BS-690*
500
500NHG3BS-690*
500NHM3BS-690*
630
630NHG3BS-690*
630NHM3BS-690*
4
500
500NH4G-S
-
3
630
630NH4G-S
-
800
800NH4G-S
-
1000
1000NH4G-S
-
1250
1250NH4G-S
-
Catalogue Numbers
* Contact Cooper Bussmann for availibility
34
Volts: - 500V ac Size 4
- 690V ac Size 1,2,3
Current - 63A - 1250A
IR - 120kA - 500V ac
- 80kA - 690V ac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com