Electronic Components Datasheet Search
  English  ▼

X  

GF710 Datasheet(PDF) 17 Page - Cooper Bussmann, Inc.

Part # GF710
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GF710 Datasheet(HTML) 17 Page - Cooper Bussmann, Inc.

Back Button GF710 Datasheet HTML 13Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 14Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 15Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 16Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 17Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 18Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 19Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 20Page - Cooper Bussmann, Inc. GF710 Datasheet HTML 21Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
J Type Fuse Links to BS88: Part 5
Slotted/Non Slotted Types
415V / 20 - 800A
Specifications
Description:
Slotted type fuses
designed for use with wedge type fuse
carriers on BS applications
Ratings:
Applications:
For use by Electrical Authorities in
distribution pillars, open type substation boards, heavy
duty cut-outs, and underground connection boxes.
Agency information:
ASTA certified and tested BS88:
Part 5
RoHS Compliant
Utility Applications to BS88
Rating
(A)
Slotted
Fixing Center
Non
Slotted
Unit
Packing
76mm
82mm
92mm
20
-
-
20MJ31-8
-
10
25
-
-
25MJ31-8
-
32
-
32MJ30-8
32MJ31-8
-
40
-
40MJ30-8
40MJ31-8
-
50
-
50MJ30-8
50MJ31-8
-
63
63MJ29-6
63MJ30-8
63MJ31-8
-
80
80MJ29-6
80MJ30-7
80MJ31-7
-
100
100MJ29-6
100MJ30-7
100MJ31-7
-
125
-
125MJ30-7
125MJ31-7
-
160
160MJ29-6
160MJ30-7
160MJ31-7
-
200
200MJ29-6
200MJ30-7
200MJ31-7
-
250
250MJ29-6
250MJ30-7
250MJ31-7
-
315
-
315MJ30-7
315MJ31-7
-
355
-
355PJ30-7
355PJ31-7
-
400
-
400PJ30-7
400PJ31-7
-
450
-
-
450RJ31-7
-
500
-
-
500RJ31-7
-
560
-
-
560SJ31-6
-
630
-
-
630SJ31-6
-
800
-
-
800SJ28
Type
A
B
C
D
E
F
G
H
I
J
K
MJ30-8
110
82
45.2
40.5
30
14.8
17.5
9.8
30.9
2.4
6.45/6.53
MJ30-7 (Up to 200A)
110
82
45.2
40.5
30
14.8
17.5
9.8
30.9
2.4
6.45/6.53
MJ30-7 (315-400A)
110
82
44.8
40
30
14.4
17.5
9.8
38
2.4
6.45/6.53
MJ31-7 (Up to 200A)
131
92
46.8
40.5
41
17.4
20.7
10.9
30.8
3.2
8.05/8.73
MJ31-7 (315-400A)
131
92
46.4
40
41
17.4
20.7
10.2
38.1
3.2
8.05/8.73
PJ30-7
110
82
44.8
40
30
14.4
17.5
9.8
38
2.4
6.45/6.53
PJ31-7
131
92
46.4
40
41
17.4
20.7
10.2
38.1
3.2
8.05/8.73
RJ31-7
131
92
45
38
16.5
15.5
10.9
49.1
3.2
8.05/8.73
SJ31-6
128.5
92
44.5
38.1
16.5
20.6
11
73.3
3.2
8.05/8.73
SJ28
128.5
92
44.5
38.1
16.5
20.5
73.3
3.2
8.05/8.73
Slotted Type (MJ31-7 up to 200A)
Dimensions
Volts: - 415V
Amps: - 20 - 630A (Slotted Type)
800A (Non Slotted Type)
IR - 80kA @ 415V
Catalogue Numbers
Data Sheets: MJ30-8: 4178A / MJ30-7: 4178B / MJ31-7 or 8: 4180 / PJ31: 4181 / RJ: 4182 / SJ: 4183
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com