Electronic Components Datasheet Search
  English  ▼

X  

SM320DM6446 Datasheet(PDF) 1 Page - Texas Instruments

Part # SM320DM6446
Description  Digital Media System-on-Chip
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320DM6446 Datasheet(HTML) 1 Page - Texas Instruments

  SM320DM6446 Datasheet HTML 1Page - Texas Instruments SM320DM6446 Datasheet HTML 2Page - Texas Instruments SM320DM6446 Datasheet HTML 3Page - Texas Instruments SM320DM6446 Datasheet HTML 4Page - Texas Instruments SM320DM6446 Datasheet HTML 5Page - Texas Instruments SM320DM6446 Datasheet HTML 6Page - Texas Instruments SM320DM6446 Datasheet HTML 7Page - Texas Instruments SM320DM6446 Datasheet HTML 8Page - Texas Instruments SM320DM6446 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 228 page
background image
1
Digital Media System-on-Chip (DMSoC)
1.1 Features
SM320DM6446
Digital Media System-on-Chip
www.ti.com
SPRS607A – JUNE 2009 – REVISED JUNE 2009
• High-Performance Digital Media SoC
• ARM926EJ-S Core
–
594-MHz C64x+™ Clock Rates
–
Support for 32-Bit and 16-Bit (Thumb®
Mode) Instruction Sets
–
297-MHz ARM926EJ-S™ Clock Rates
–
DSP Instruction Extensions and Single
–
Eight 32-Bit C64x+ Instructions/Cycle
Cycle MAC
–
4752 C64x+ MIPS
–
ARM® Jazelle® Technology
–
Fully Software-Compatible With C64x /
–
EmbeddedICE-RT™ Logic for Real-Time
ARM9™
Debug
–
Extended Temperature Devices Available
• ARM9 Memory Architecture
• Advanced Very-Long-Instruction-Word (VLIW)
–
16K-Byte Instruction Cache
TMS320C64x+™ DSP Core
–
8K-Byte Data Cache
–
Eight Highly Independent Functional Units
–
16K-Byte RAM
• Six ALUs (32-/40-Bit), Each Supports
–
8K-Byte ROM
Single 32-Bit, Dual 16-Bit, or Quad 8-Bit
Arithmetic per Clock Cycle
• Embedded Trace Buffer™ (ETB11™) With 4KB
• Two Multipliers Support Four 16 x 16-Bit
Memory for ARM9 Debug
Multiplies (32-Bit Results) per Clock
• Endianness: Little Endian for ARM and DSP
Cycle or Eight 8 x 8-Bit Multiplies (16-Bit
• Video Processing Subsystem
Results) per Clock Cycle
–
Front End Provides:
–
Load-Store Architecture With Non-Aligned
• CCD and CMOS Imager Interface
Support
• BT.601/BT.656 Digital YCbCr 4:2:2
–
64 32-Bit General-Purpose Registers
(8-/16-Bit) Interface
–
Instruction Packing Reduces Code Size
• Preview Engine for Real-Time Image
–
All Instructions Conditional
Processing
–
Additional C64x+™ Enhancements
• Glueless Interface to Common Video
• Protected Mode Operation
Decoders
• Exceptions Support for Error Detection
• Histogram Module
and Program Redirection
• Auto-Exposure, Auto-White Balance and
• Hardware Support for Modulo Loop
Auto-Focus Module
Operation
• Resize Engine
• C64x+ Instruction Set Features
–
Resize Images From 1/4x to 4x
–
Byte-Addressable (8-/16-/32-/64-Bit Data)
–
Separate Horizontal/Vertical Control
–
8-Bit Overflow Protection
–
Back End Provides:
–
Bit-Field Extract, Set, Clear
• Hardware On-Screen Display (OSD)
–
Normalization, Saturation, Bit-Counting
• Four 54-MHz DACs for a Combination of
–
Compact 16-Bit Instructions
–
Composite NTSC/PAL Video
–
Additional Instructions to Support Complex
–
Luma/Chroma Separate Video
Multiplies
(S-video)
• C64x+ L1/L2 Memory Architecture
–
Component (YPbPr or RGB) Video
–
32K-Byte L1P Program RAM/Cache (Direct
(Progressive)
Mapped)
• Digital Output
–
80K-Byte L1D Data RAM/Cache (2-Way
–
8-/16-bit YUV or up to 24-Bit RGB
Set-Associative)
–
HD Resolution
–
64K-Byte L2 Unified Mapped RAM/Cache
–
Up to 2 Video Windows
(Flexible RAM/Cache Allocation)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SM320DM6446

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320DM6446-HIREL TI-SM320DM6446-HIREL Datasheet
1Mb / 228P
Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
Digital Media System-on-Chip
More results

Similar Description - SM320DM6446

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
Digital Media System-on-Chip
TMS320DM6446 TI-TMS320DM6446_08 Datasheet
1Mb / 231P
Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
Digital Media System-on-Chip
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com