Electronic Components Datasheet Search
  English  ▼

X  

SM320DM6446 Datasheet(PDF) 103 Page - Texas Instruments

Part # SM320DM6446
Description  Digital Media System-on-Chip
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320DM6446 Datasheet(HTML) 103 Page - Texas Instruments

Back Button SM320DM6446 Datasheet HTML 99Page - Texas Instruments SM320DM6446 Datasheet HTML 100Page - Texas Instruments SM320DM6446 Datasheet HTML 101Page - Texas Instruments SM320DM6446 Datasheet HTML 102Page - Texas Instruments SM320DM6446 Datasheet HTML 103Page - Texas Instruments SM320DM6446 Datasheet HTML 104Page - Texas Instruments SM320DM6446 Datasheet HTML 105Page - Texas Instruments SM320DM6446 Datasheet HTML 106Page - Texas Instruments SM320DM6446 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 228 page
background image
6.6.1
PLL1 and PLL2
SM320DM6446
Digital Media System-on-Chip
www.ti.com
SPRS607A – JUNE 2009 – REVISED JUNE 2009
Table 6-12. PLL and Reset Controller Registers Memory Map (continued)
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x01C4 093C
PLLSTAT
PLL Controller 1 Status Register (Shows PLLCTRL Status)
PLL Controller 1 Alignment Control Register
0x01C4 0940
ALNCTL
(Indicates Which SYSCLKs Need to be Aligned for Proper Device Operation)
PLL Controller 1 Divider Change Register
0x01C4 0944
DCHANGE
(Indicates if SYSCLK Divide Ratio has Been Modified)
0x01C4 0948
CKEN
PLL Controller 1 Clock Enable Register
0x01C4 094C
CKSTAT
PLL Controller 1 Clock Status Register (For All Clocks Except SYSCLKx)
0x01C4 0950
PLL Controller 1 System Clock Status 1 Register (Indicates SYSCLK on/off
SYSTAT
Status)
0x01C4 0960
PLLDIV4
PLL Controller 1 Control-Divider 4 Register (SYSCLK4)
0x01C4 0964
PLLDIV5
PLL Controller 1 Control-Divider 5 Register (SYSCLK5)
0x01C4 0C00
PID
Peripheral Identification and Revision Information Register
0x01C4 0D00
PLLC
PLL Controller 2 Operations Control Register
0x01C4 0D10
PLLM
PLL Controller 2 Multiplier Control Register
0x01C4 0D18
PLLDIV1
PLL Controller 2 Control-Divider 1 Register (SYSCLK1)
0x01C4 0D1C
PLLDIV2
PLL Controller 2 Control-Divider 2 Register (SYSCLK2)
0x01C4 0D20 - 0x01C4 0D2B
POSTDIV
PLL Controller 2 Post-Divider Control Register
0x01C4 0D2C
BPDIV
PLL Controller 2 Bypass Control-Divider Register (SYSCLKBP)
0x01C4 0D38
PLLCMD
PLL Controller 2 Command Register
0x01C4 0D3C
PLLSTAT
PLL Controller 2 Status Register (Shows PLLCTRL Status)
PLL Controller 2 Alignment Control Register
0x01C4 0D40
ALNCTL
(Indicates Which SYSCLKs Need to be Aligned for Proper Device Operation)
PLL Controller 2 Divider Change Register
0x01C4 0D44
DCHANGE
(Indicates if SYSCLK Divide Ratio has Been Modified)
0x01C4 0D48
CKEN
PLL Controller 2 Clock Enable Register
0x01C4 0D4C
CKSTAT
PLL Controller 2 Clock Status Register (For All Clocks Except SYSCLKx)
0x01C4 0D50
SYSTAT
PLL Controller 2 System Clock Status 1 Register (Indicates SYSCLK on/off
Status)
Both PLL1 and PLL2 power is supplied externally via the 1.8 V PLL power-supply pin (PLLVDD18). It is
recommended that an external EMI filter circuit be added to PLLVDD18, as shown in Figure 6-13. The 1.8-V
supply of the EMI filter must be from the same 1.8-V power plane supplying the device’s 1.8-V I/O
power-supply
pins
(DVDD).
TI
recommends
EMI
filter
manufacturer
Murata,
part
number
NFM18CC222R1C3.
All PLL external components (C1, C2, and the EMI Filter) should be placed as close to the device as
possible. For the best performance, TI recommends that all the PLL external components be on a single
side of the board without jumpers, switches, or components other than the ones shown in Figure 6-13. For
reduced PLL jitter, maximize the spacing between switching signals and the PLL external components
(C1, C2, and the EMI Filter).
Submit Documentation Feedback
Peripheral and Electrical Specifications
103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com